Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX11612EVSYS+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part No. MAX11612EVSYS+
Description  Evaluation System
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX11612EVSYS+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
MAX11600–MAX11617 Evaluation System
10 _____________________________________________________________________________________
The user can set the clock mode (internal or external) in
the Clock group box, select unipolar or bipolar mode in
the Unipolar/Bipolar group box, or choose the analog
input type (differential or single ended) in the Input Type
group box.
Press the Reset button to reset the ADC registers to their
default settings.
Data Logging
In the Data Logging group box, the user can select
the desired number of conversions in the Number of
Samples drop-down list. Enter the desired sampling
rate in the Sample Rate (ksps) edit box. The actual
sampling rate and the I2C SCL rate are displayed at the
right of the Sample Rate (ksps) edit box. Press the Start
Conversion button to start sampling. After sampling is
finished, the user can save the data to a file by pressing
the Save To File button. The Save To File button is not
active until the sampling is done.
Time Domain, Frequency Domain,
Histogram, and Single Conversion Tabs
After the Start Conversion button in the Data Logging
group box is pressed, the sampled data in the time
domain is plotted in the Time Domain tab sheet. The
sampled data in the frequency domain is plotted in the
Frequency Domain tab sheet. The histogram of the
sampled signal is plotted in the Histogram tab sheet.
The Single Conversion tab sheet displays one set of
sampled data in any scan mode.
Check the Auto Convert checkbox to automatically
and repeatedly do the ADC conversions and update the
active tab sheet.
Time Domain Tab
In the Time Domain tab sheet (Figure 5), check the
Remove DC checkbox to remove the DC component
of the sampled signal. In the Scope Display Control
Vertical group box, when the Auto Scale check-
box is checked, the software automatically scales the
vertical axis in the plot. If the Auto Scale checkbox is
unchecked, enter the appropriate values into the Y-MAX
and Y-MIN edit boxes and press the Set button to set
the boundaries for the vertical axis. The software auto-
matically calculates the Frequency, RMS, MIN, MAX,
and Avg DC of the sampled signal, and displays the
calculated values in the Calculation group box.
Figure 4. Scanning Configuration Reference Table


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn