Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4800F Datasheet(PDF) 1 Page - Sharp Corporation

Part # PT4800F
Description  Thin Type Phototransistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT4800F Datasheet(HTML) 1 Page - Sharp Corporation

  PT4800F Datasheet HTML 1Page - Sharp Corporation PT4800F Datasheet HTML 2Page - Sharp Corporation PT4800F Datasheet HTML 3Page - Sharp Corporation PT4800F Datasheet HTML 4Page - Sharp Corporation PT4800F Datasheet HTML 5Page - Sharp Corporation PT4800F Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PT4800/PT4800F/PT4810/PT4810F/PT4850F
PT4800/PT4800F/PT4810
PT4810F/PT4850F
s Absolute Maximum Ratings
( Ta = 25˚C)
s Outline Dimensions
*1 For 3 seconds at the position of 1.8mm from the bottom face of resin package
Thin Type Phototransistor
s Features
s Applications
PT4800F/PT4810F/PT4850F
PT4800/PT4800F/PT4850F
PT4810/PT4810F
4. Thin type
2. Floppy disk drives
1
2
1
2
2
1
1.5
0.8
2 - 0.25
0.7
PT4810/F
2.54
2 - 0.45
1. VCRs
PT4800/F
PT4850F
2 - 0.9
2 - C0.5
g Epoxy resin
3.0
1.6
PT4810F
Mark(blue)
PT4850F
Mark(black)
1 Emitter
2 Collector
PT4800
PT4810
F type
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
1. Thin type package ( Thickness : 1.5mm )
2. Visible light cut-off type :
3. Single phototransistor output :
Darlington phototransistor output:
( Unit : mm)
g Epoxy resin
Transparent resin
Transparent blue resin
Visible light cut-off resin (black )
Parameter
Symbol
Rating
Unit
Collector-emitter voltage
V CEO
35
V
Emitter-collector voltage
V ECO
6V
Collector current
PT4800/PT4800F/PT4850F
IC
20
mA
PT4810/PT4810F
50
Collector power dissipation
P C
75
mW
Operating temperature
T opr
- 25 to + 85
˚C
Storage temperature
T stg
- 40 to + 85
˚C
*1Soldering temperature
T sol
260
˚C
φ 0.8


Similar Part No. - PT4800F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT4800FE000F SHARP-PT4800FE000F Datasheet
965Kb / 9P
   Opaque Resin, Medium Directivity Angle, Thin Package Phototransistor
More results

Similar Description - PT4800F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT4120 SHARP-PT4120 Datasheet
49Kb / 4P
   Side View and Thin Flat Type 2-Phase Output Phototransistor
logo
CT Micro International ...
PTP81608T08 CTMICRO-PTP81608T08 Datasheet
1,002Kb / 10P
   SMD Type Phototransistor
Rev 0 Jan, 2019
logo
Sharp Corporation
PT360 SHARP-PT360 Datasheet
98Kb / 3P
   COMPACT TYPE PHOTOTRANSISTOR
logo
CT Micro International ...
PTC93528T19 CTMICRO-PTC93528T19 Datasheet
876Kb / 9P
   SMD Type Phototransistor
Rev 0 Jul, 2015
PTP81708T06 CTMICRO-PTP81708T06 Datasheet
906Kb / 10P
   SMD Type Phototransistor
Rev 0 Sep, 2017
PTP73010T20 CTMICRO-PTP73010T20 Datasheet
952Kb / 10P
   SMD Type Phototransistor
Rev 3 Jun, 2018
logo
Sharp Corporation
PT4800E0000F SHARP-PT4800E0000F Datasheet
982Kb / 9P
   Transparent Resin, Medium Directivity Angle, Thin Package Phototransistor
PT4800FE000F SHARP-PT4800FE000F Datasheet
965Kb / 9P
   Opaque Resin, Medium Directivity Angle, Thin Package Phototransistor
logo
Rohm
RPM-25PT ROHM-RPM-25PT Datasheet
61Kb / 3P
   Phototransistor, side view type
logo
KODENSHI_AUE CORP.
KEITU011A KODENSHI_-KEITU011A Datasheet
129Kb / 2P
   Transmissive Type (Phototransistor Output)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com