Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PQ7RV4 Datasheet(PDF) 5 Page - Sharp Electrionic Components

Part No. PQ7RV4
Description  Variable Output (1.5 to 7V), 4.6A Output Low Power-loss Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

PQ7RV4 Datasheet(HTML) 5 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Low Power-Loss Voltage Regulators
PQ7RV4
ON/OFF operation is available by mounting externally D2 and R3.
When VADJ is forcibly raised above Vref (1.25V TYP) by applying the external signal,the output is turned off (pass transistor of
regulator is turned off). When the output is OFF, VADJ must be higher than Vref MAX., and at the same time must be lower than
maximum rating 5V.
In OFF-state, the load current flows to RL from VADJ through R2. Therefore the value of R2 must be as high as possible.
In OFF state, as shown below,voltage
VO'=VADJ X RL/ (RL+R2)
occurs at the load. OFF-state equivalent circuit R1 up to 5k
Ω is allowed.
Select as high value of RL and R2 as possible in thisrange. In some case, as output voltage is getting lower (VO<1V), impedance of load
resistance rises. In such condition, it is sometimes impossible to obtain the minimum value of VO'. So add the dummy resistance
indicated by RD in the figure to the circuit parallel to the load.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn