Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PQ7RV4 Datasheet(PDF) 4 Page - Sharp Electrionic Components

Part No. PQ7RV4
Description  Variable Output (1.5 to 7V), 4.6A Output Low Power-loss Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

PQ7RV4 Datasheet(HTML) 4 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Low Power-Loss Voltage Regulators
PQ7RV4
q
2
q
3
q
1
q
4
Cref
390
to5k
R1
R2
CO
+
VO
D1
CIN
VIN
+
s Asjustment of Output Voltage
Output voltage is able to set (1.5V to 7V) when resistors R1,R2 are attached to ™, £, ¢ terminals. As for the external
resistors to set output voltage, refer to the following figure.
s ON/OFF Operation
s Standard Connection
D1
: This device is necessary to protect the element from damage when reverse voltage may be applied to the regulator in case of
input short-circuiting.
Cref
: This device is necessary when it is required to enhance the ripple rejection or to delay the output start-up time. Otherwise, it
is not necessary.
(Care must be taken since Cref may raise the gain,facilitating oscillation.)
* The output start-up time si proportional to Cref X R2.
CIN,CO : Be sure to mount the devices CIN and CO as close to the device terminal as possible so as to prevent oscillation.
The standard specification of CIN and CO is 0.33
µF and 47µF, respectively. However, adjust them as necessary after
checking.
R1,R2
: These devices are necessary to set the output voltage. The output voltage VO is given by the following formula:
VO=Vref X (1+R2/R1)
(Vref is 1.25V TYP)
The standard value of R1 is 2k
Ω. But value up to 390Ω to 5kΩ does not cause any trouble.
+
-
Vref
2
4
3
R2
R1
VO
VO=Vref X (1+R2/R1)
=1.25 X (1+R2/2000)
(R1=2k
Ω,Vref =1.25V)
VC
High : Output OFF
Low : Output ON
q
2
q
3
q
1
q
4
D2
R3
R1
R2
CO
+
VO
RL
VADJ
D1
CIN
VIN
R1
Equivalent Circuit
in OFF-state
R2
RL
D2
VO
VADJ
RD


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn