Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ3TZ50 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PQ3TZ50
Description  3.0V/3.3V Output Surface Mount Type Low Power-Loss Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ3TZ50 Datasheet(HTML) 4 Page - Sharp Corporation

  PQ3TZ50 Datasheet HTML 1Page - Sharp Corporation PQ3TZ50 Datasheet HTML 2Page - Sharp Corporation PQ3TZ50 Datasheet HTML 3Page - Sharp Corporation PQ3TZ50 Datasheet HTML 4Page - Sharp Corporation PQ3TZ50 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Low Power-Loss Voltage Regulators
PQ3TZ50/PQ3TZ53
-25
0
50
25
100
75
125
3.0
2.5
1.5
2.0
0.5
1.0
0
Junction temperature Tj (˚C)
VIN =5V
IO=0.3A
0
-25
0
25
50
75
100
125
3
1
4
2
VIN =5V
IO =0A
5
Junction temperature Tj (˚C)
Input ripple frequency f (kHz)
0
0.1
10
1
100
20
40
60
80
10
30
50
70
VIN=5V
Io=0.3A
ei=0.5Vrms
Fig.11 ON-state Voltage for Control vs.
Junction Temperature(Typical Value)
Fig.13 Ripple Rejection vs. Input Ripple
Frequency
Fig.15 Power Dissipation vs. Ambient
Temperature(Typical Value)
Fig.14 Output Peak Current vs. Junction
Temperature(Typical Value)
Fig.12 Quiescent Current vs. Junction
Temperature(Typical Value)
PWB
Material
: Glass-cloth epoxy resin
Size
: 50X50X1.6mm
Cu thickness : 35
µm
PWB
Cu
3
(PQ3TZ50/PQ3TZ53)
-25
0
50
25
100
75
125
2.0
1.5
1.0
0.5 IOP:Output current when
Output voltage is 95%
in comparison with
the initial value
0
Junction temperature Tj (˚C)
2V
1V
0.5V
VIN-VO =5V
(PQ3TZ50/PQ3TZ53)
0
-20
0
Cu area 740mm
2
Cu area 180mm
2
Cu area 100mm
2
Cu area 70mm
2
Cu area 36mm
2
20
40
60
80
100
1
2
3
Ambient temperature Ta (˚C)
(PQ3TZ50/PQ3TZ53)
(PQ3TZ50/PQ3TZ53)


Similar Part No. - PQ3TZ50

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
PQ300 PICO-PQ300 Datasheet
10Mb / 39P
   Smarter scopes for faster debug
logo
SynQor Worldwide Headqu...
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ30033EGA20NKA-G SYNQOR-PQ30033EGA20NKA-G Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ30033EGA20NKS-G SYNQOR-PQ30033EGA20NKS-G Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ30033EGA20NNA-G SYNQOR-PQ30033EGA20NNA-G Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ3TZ50

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
46Kb / 6P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ5TS1 SHARP-PQ5TS1 Datasheet
21Kb / 2P
   0.15A Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ2TZ55 SHARP-PQ2TZ55 Datasheet
37Kb / 4P
   2.5V Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ05VY3H3Z SHARP-PQ05VY3H3Z_01 Datasheet
68Kb / 7P
   Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulators
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
   Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1XXX1M2ZPH SHARP-PQ1XXX1M2ZPH Datasheet
161Kb / 4P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1R33J0000H SHARP-PQ1R33J0000H Datasheet
79Kb / 6P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com