Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6639F Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX6639F
Description  Evaluation Kit
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX6639F Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6639F Datasheet HTML 1Page - Maxim Integrated Products MAX6639F Datasheet HTML 2Page - Maxim Integrated Products MAX6639F Datasheet HTML 3Page - Maxim Integrated Products MAX6639F Datasheet HTML 4Page - Maxim Integrated Products MAX6639F Datasheet HTML 5Page - Maxim Integrated Products MAX6639F Datasheet HTML 6Page - Maxim Integrated Products MAX6639F Datasheet HTML 7Page - Maxim Integrated Products MAX6639F Datasheet HTML 8Page - Maxim Integrated Products MAX6639F Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
7) Follow the directions of the Add New Hardware
Wizard to install the USB device driver. Choose the
Search for the best driver for your device option.
Specify the location of the device driver to be
C:\Program Files\MAX6639 (default installation
directory) using the Browse button. During device
driver installation, Windows may show a warning
message indicating that the device driver provided
by Maxim does not contain a digital signature. This
is not an error condition and it is safe to proceed
with installation. Refer to the USB_Driver_Help.PDF
document included with the software for additional
information.
8) Turn on fan power supply.
9) Start the EV kit software by opening its icon in the
Start | Programs menu. The EV kit software main
window should appear as shown in Figure 1. Observe
as the program automatically detects the address of
the MAX6639 and starts the main program.
Detailed Description of Software
User Interface
The user interface is easy to operate. Each button cor-
responds to bits in the command and configuration
byte. By pressing them, the correct I2C-compatible
write operation is generated to update the internal reg-
isters of the MAX6639.
Automatic Read
The program polls the device for the new temperature
and status data a maximum of two times per second
(2Hz). To disable the polling of data, uncheck the Auto
Read checkbox located at the top of the program.
Data Logging
Check the Data Logging checkbox located at the top of
the program to activate data logging. Data logging saves
temperature, voltage, and status data to a text file that
includes a time/date stamp next to each data point. If the
Auto Read checkbox is checked, data is sampled at
2Hz. When the Auto Read checkbox is unchecked, the
MAX6639 Evaluation Kit
4
_______________________________________________________________________________________
Figure 1. MAX6639 EV Kit Software Main Window (Temperature Tab)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn