Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6639F Datasheet(PDF) 12 Page - Maxim Integrated Products

Part No. MAX6639F
Description  Evaluation Kit
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX6639F Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX6639F Datasheet HTML 8Page - Maxim Integrated Products MAX6639F Datasheet HTML 9Page - Maxim Integrated Products MAX6639F Datasheet HTML 10Page - Maxim Integrated Products MAX6639F Datasheet HTML 11Page - Maxim Integrated Products MAX6639F Datasheet HTML 12Page - Maxim Integrated Products MAX6639F Datasheet HTML 13Page - Maxim Integrated Products MAX6639F Datasheet HTML 14Page - Maxim Integrated Products MAX6639F Datasheet HTML 15Page - Maxim Integrated Products MAX6639F Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Save Settings
The MAX6639 EV kit software allows the user to save
desired GUI settings by selecting File | Save Settings
from the menu bar. GUI setting files can be saved only
as .INI files.
Load Settings
To restore a saved GUI setting, select File | Load
Settings from the menu bar. Next, select the .INI file
with the desired GUI settings and observe as the GUI
reconfigures appropriately.
Advanced User Interface
There are two methods for communicating with the
MAX6639, through the normal user-interface main win-
dow or through the SMBus/I2C commands available by
selecting Options | Interface (Advanced Users) from
the menu bar. An Advanced User Interface window
pops up with the 2-wire interface tab selected, which
allows the SMBus/I2C-compatible protocols, such as
read byte and write byte, to be executed. The only
SMBus/I2C-compatible protocols used by the MAX6639
are:
1 - SMBusWriteByte(addr,cmd,data8)
4 - SMBusReadByte(addr,cmd) -> data8
The combo and edit boxes accept numeric data in
hexadecimal and should be prefixed by 0x. See Figure
7 for an example of this tool.
In this example, the software is reading from Device
Address 0101111 r/w (binary), and register address
0x00.
MAX6639 Evaluation Kit
12
______________________________________________________________________________________
Figure 7. Simple SMBusReadByte Operation Using the Advanced User Interface


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn