Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6639F Datasheet(PDF) 9 Page - Maxim Integrated Products

Part No. MAX6639F
Description  Evaluation Kit
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX6639F Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6639F Datasheet HTML 5Page - Maxim Integrated Products MAX6639F Datasheet HTML 6Page - Maxim Integrated Products MAX6639F Datasheet HTML 7Page - Maxim Integrated Products MAX6639F Datasheet HTML 8Page - Maxim Integrated Products MAX6639F Datasheet HTML 9Page - Maxim Integrated Products MAX6639F Datasheet HTML 10Page - Maxim Integrated Products MAX6639F Datasheet HTML 11Page - Maxim Integrated Products MAX6639F Datasheet HTML 12Page - Maxim Integrated Products MAX6639F Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MAX6639 Evaluation Kit
_______________________________________________________________________________________
9
Figure 4. MAX6639 EV Kit Software Main Window (Fan Controls | Fan 1 | Configuration Tab)
Table 4. Status Register
BIT
NAME
DESCRIPTION
7
Channel 1 ALERT
The temperature of channel 1 is above the value set in the channel 1
ALERT limit register.
6
Channel 2 ALERT
The temperature of channel 2 is above the value set in the channel 2
ALERT limit register.
5
Channel 1 OT
The temperature of channel 1 has exceeded the value set in the channel 1
OT limit register. This bit
returns to zero when the temperature of channel 1 drops 5°C below the channel 1
OT limit.
4
Channel 2 OT
The temperature of channel 2 has exceeded the value set in the channel 2
OT limit register. This bit
returns to zero when the temperature of channel 2 drops 5°C below the channel 2
OT limit.
3
Channel 1 THERM
The temperature of channel 1 has exceeded the value set in the channel 1
THERM limit register. This
bit returns to zero when the temperature of channel 1 drops 5°C below the channel 1
THERM limit.
2
Channel 2 THERM
The temperature of channel 2 has exceeded the value set in the channel 2
THERM limit register. This
bit returns to zero when the temperature of channel 2 drops 5°C below the channel 2
THERM limit.
1
Fan 1 Fault
A fault has been detected on fan 1. Refer to the MAX6639 IC data sheet for a detailed description.
0
Fan 2 Fault
A fault has been detected on fan 2. Refer to the MAX6639 IC data sheet for a detailed description.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn