Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ20WZ51 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ20WZ51
Description  Variable Output, General Purpose, Surface Mount Type Power-Loss Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ20WZ51 Datasheet(HTML) 3 Page - Sharp Corporation

  PQ20WZ51 Datasheet HTML 1Page - Sharp Corporation PQ20WZ51 Datasheet HTML 2Page - Sharp Corporation PQ20WZ51 Datasheet HTML 3Page - Sharp Corporation PQ20WZ51 Datasheet HTML 4Page - Sharp Corporation PQ20WZ51 Datasheet HTML 5Page - Sharp Corporation PQ20WZ51 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Low Power-Loss Voltage Regulators
PQ20WZ51/PQ20WZ11
Fig. 5 Overcurrent Protection
Characteristics (Typical Value)
(PQ20WZ11)
Fig. 6 Output Voltage Adjustment
Characteristics
0
0.5
1.0
1.5
2.0
4
3
2
1
0
Output current IO (A)
Vi–O =2V
Vi–O =3V
Vi–O =0.5V
VO=3.3V
Vi–O =1V
R2 (k
Ω)
0.1
1
100
10
R1=2k
0
5
10
15
20
Fig. 7 Reference Voltage Deviation vs.
Junction Temperature (Typical Value)
Fig. 8 Output Voltage vs. Input Voltage
(PQ20WZ51)
Fig. 9 Output Voltage vs. Input Voltage
(PQ20WZ11)
Fig.10 Dropout Voltage vs. Junction
Temperature (PQ20WZ51)
0
25
50
75
100
125
–15
–20
–25
–5
5
15
–10
0
10
20
VIN=7V
VO=3.3V(R1=2k
Ω,R2=0.5kΩ)
IO=0.3A (PQ20WZ51)
=0.5A (PQ20WZ11)
25
Junction temperature Tj (˚C)
–25
PQ20WZ51
PQ20WZ11
Input voltage VIN (V)
0123
5678
4
RL=6.6
RL=
∞Ω
1
0
2
5
6
7
3
4
8
RL=11
VC=2.7V , Ci=0.33
µF , C0=47µF
Tj=25˚C
R1=2k
Ω ,R2=0.5kΩ
Input voltage VIN (V)
0123
5678
4
RL=3.3
RL=
∞Ω
1
0
2
5
6
7
3
4
8
RL=6.6
VC=2.7V , Ci=0.33
µF , C0=47µF
Tj=25˚C
R1=2k
Ω ,R2=0.5kΩ
Junction temperature Tj (˚C)
–25
0
25
50
75
100
125
0.14
0.13
0.12
0.11
0.1
0.15
0.16
0.17
0.18
0.19
0.2
VIN=3.135V, Vc=2.7V, R1=2k
Ω, R2=500Ω, IO=0.3A


Similar Part No. - PQ20WZ51

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ20WZ51 SHARP-PQ20WZ51 Datasheet
70Kb / 6P
   Variable Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
169Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ20WZ51

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ20WZ1U SHARP-PQ20WZ1U Datasheet
70Kb / 6P
   Variable Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ15RW08 SHARP-PQ15RW08_01 Datasheet
72Kb / 4P
   Variable Output, General Purpose Type Low Power-Loss Voltage Regulator
PQ3DZ53 SHARP-PQ3DZ53 Datasheet
97Kb / 10P
   0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ05DZ51 SHARP-PQ05DZ51 Datasheet
19Kb / 2P
   0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
46Kb / 6P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
   Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
   Variable Output Low Power-Loss Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com