Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ1PF1 Datasheet(PDF) 8 Page - Sharp Corporation

Part # PQ1PF1
Description  Primary Regulator for Switching Power Supply (50W Class)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1PF1 Datasheet(HTML) 8 Page - Sharp Corporation

Back Button PQ1PF1 Datasheet HTML 4Page - Sharp Corporation PQ1PF1 Datasheet HTML 5Page - Sharp Corporation PQ1PF1 Datasheet HTML 6Page - Sharp Corporation PQ1PF1 Datasheet HTML 7Page - Sharp Corporation PQ1PF1 Datasheet HTML 8Page - Sharp Corporation PQ1PF1 Datasheet HTML 9Page - Sharp Corporation PQ1PF1 Datasheet HTML 10Page - Sharp Corporation PQ1PF1 Datasheet HTML 11Page - Sharp Corporation PQ1PF1 Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Primary Regulators
CA
PC1
4
35
1
2
PQ1PF1
PQ1PF1
Output current
VFB
VFB (OCP)
2.8V
VCA
3.6V
VCA (OVP)
7.7V
DMAX
DMIN
0
Overcurrent
detection
Overload shut-down
3-2 Overcurrent protection function
Overcurrent protection circuit is shown in Fig.2. Fig.3 shows timing chart of OFF control process after detecting overcurrent.
First, drain current of MOS-FET (which is built-in device) is getting high due to overcurrent. When it comes up to overcurrent
detection level ID(OCP)=2.5A, overcurrent protection circuit will operate and minimize output pulse width to minimum duty by pulse-
by-pulse. Minimizing output pulse width makes output voltage lower. As output voltage is lowered, collector-emitter voltage of
PC1 will be turned OFF and FB voltage VFB will be high. When VFB comes up to threshold voltage of overload shut-down VFB(OCP)
2.8V, CA voltage VCA will be released from clamped voltage 3.6V and the capacitor CA which is connected to CA terminal will be
charged again by 10
µA of charge current. When VCA increases to CA threshold voltageVCA (OVP) 7.7V, internal constant voltage
supply of IC becomes OFF-state and maintain shut-down state. To maintain output shut-down condition, 0.3mA (Vcc=11V) TYP.
is required. To restart, Vcc needs to be lowered less then operation stopping voltageVCC(OFF) 9.3V by applying input voltage again.
Fig.2 Overcurrent Protection Circuit
Fig.3 Timing Chart Overcurrent Protection


Similar Part No. - PQ1PF1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1PF2 SHARP-PQ1PF2 Datasheet
24Kb / 2P
   Primary Regulator for Switching Power Supply (30W Class)
More results

Similar Description - PQ1PF1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1PF2 SHARP-PQ1PF2 Datasheet
24Kb / 2P
   Primary Regulator for Switching Power Supply (30W Class)
PQ1PD1 SHARP-PQ1PD1 Datasheet
23Kb / 2P
   Primary Regulator for Switching Power Supply (100W Class)
logo
Mean Well Enterprises C...
RT-50 MEANWELL-RT-50_11 Datasheet
416Kb / 2P
   50W Triple Output Switching Power Supply
RQ-50 MEANWELL-RQ-50_11 Datasheet
239Kb / 2P
   50W Quad Output Switching Power Supply
RID-50 MEANWELL-RID-50_11 Datasheet
417Kb / 2P
   50W Dual Output Switching Power Supply
NET-50 MEANWELL-NET-50_11 Datasheet
427Kb / 2P
   50W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
RQ-50 RSG-RQ-50 Datasheet
249Kb / 2P
   50W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
D-50 MEANWELL-D-50 Datasheet
391Kb / 2P
   50W Dual Output Switching Power Supply
RD-50 MEANWELL-RD-50 Datasheet
407Kb / 2P
   50W Dual Output Switching Power Supply
NED-50 MEANWELL-NED-50_10 Datasheet
425Kb / 2P
   50W Dual Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com