Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK1020D1 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SK1020D1
Description  Surface Mount Schottky Rectifiers - Single Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SK1020D1 Datasheet(HTML) 1 Page - Diotec Semiconductor

  SK1020D1_09 Datasheet HTML 1Page - Diotec Semiconductor SK1020D1_09 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SK1020D1 ... SK10100D1
SK1020D1 ... SK10100D1
Surface Mount Schottky Rectifiers – Single Diode
Schottky-Gleichrichter für die Oberflächenmontage – Einzeldiode
Version 2009-07-03
Dimensions - Maße [mm]
Nominal Current
Nennstrom
10 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
20...100 V
Plastic case
Kunststoffgehäuse
TO-252AA
D-PAK
Weight approx.
Gewicht ca.
1.6 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Forward Voltage
Durchlass-Spannung
VF [V] 1)
IF = 5 A
IF = 10 A
SK1020D1
20
20
< 0.51
< 0.55
SK1030D1
30
30
< 0.51
< 0.55
SK1040D1
40
40
< 0.51
< 0.55
SK1045D1
45
45
< 0.51
< 0.55
SK1050D1
50
50
< 0.62
< 0.70
SK1060D1
60
60
< 0.62
< 0.70
SK1080D1
80
80
< 0.71
< 0.83
SK10100D1
100
100
< 0.71
< 0.83
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TC = 100°C
IFAV
10 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
30 A 2)
Peak forward surge current
50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
SK1020...
SK1060D1
TA = 25°C
IFSM
135/150 A
SK1080...
SK10100D1
TA = 25°C
IFSM
115/125 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
80 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+175°C
1
Tj = 25°C
2
Max. temperature of the case TC = 100°C – Max. Temperatur des Gehäuses TC = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
0.5
2.3
2
4
3
1
Type
Typ
5.3±0.2
6.6±0.2
1
3
2/4
2.3


Similar Part No. - SK1020D1_09

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK1020D1 DIOTEC-SK1020D1_17 Datasheet
164Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
More results

Similar Description - SK1020D1_09

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK2020YD2 DIOTEC-SK2020YD2_13 Datasheet
140Kb / 2P
   Surface Mount Schottky Rectifiers . Single Diode
SK1020D2 DIOTEC-SK1020D2_12 Datasheet
121Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK2020YD2 DIOTEC-SK2020YD2 Datasheet
140Kb / 2P
   Surface Mount Schottky Rectifiers ??Single Diode
SK1020D2 DIOTEC-SK1020D2 Datasheet
79Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1020D1 DIOTEC-SK1020D1 Datasheet
81Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1020D2 DIOTEC-SK1020D2_10 Datasheet
114Kb / 2P
   Surface Mount Schottky Rectifiers ??Single Diode
SK1820D2 DIOTEC-SK1820D2 Datasheet
125Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK2530YD2 DIOTEC-SK2530YD2 Datasheet
158Kb / 2P
   Surface Mount Schottky Rectifiers ??Single Diode
SK1520YD2 DIOTEC-SK1520YD2 Datasheet
136Kb / 2P
   Surface Mount Schottky Rectifiers ??Single Diode
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com