Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ05TZ51 Datasheet(PDF) 6 Page - Sharp Electrionic Components

Part No. PQ05TZ51
Description  Low Power-Loss Voltage Regulators with OFF-state Low Dissipation Current
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

PQ05TZ51 Datasheet(HTML) 6 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Low Power-Loss Voltage Regulators
PQ05TZ51/PQ05TZ11 Series
Fig.21 Circuit Operating Current vs. Input
Voltage (PQ12TZ11)
Fig.23 Ripple Rejection vs. Input Ripple Frequency
(PQ05TZ51/PQ09TZ51/PQ12TZ51)
Fig.25 Ripple Rejection vs. Output Current
(PQ05TZ51/PQ09TZ51/PQ12TZ51)
Fig.24 Ripple Rejection vs. Input Ripple Frequency
(PQ05TZ11/PQ09TZ11/PQ12TZ11)
Fig.26 Ripple Rejection vs. Output Current
(PQ05TZ11/PQ09TZ11/PQ12TZ11)
Fig.22 Quiescent Current vs. Junction
Temperature
Input voltage VIN (V)
0
5
10
15
10
20
30
VC=2.7V , Ci=0.33
µF
C0=47
µF
RL=24
RL=12
RL=
Junction temperature Tj (˚C)
0
25
50
75
100
125
-20
0
1
2
3
4
5
VIN=7V (PQ05TZ51/11)
VIN=11V (PQ09TZ51/11)
VIN=14V (PQ12TZ51/11)
IO=0A
VC=2.7V
Input ripple frequency f (kHz)
Tj=25˚C
RR=20log (ei/e0)
IO=0.3A
ei=0.5Vrms (sine wave)
0.1
1
10
100
30
35
40
45
50
55
60
65
70
VIN=7V (PQ05TZ51)
=11V (PQ09TZ51)
=14V (PQ12TZ51)
PQ05TZ51
PQ09TZ51
PQ12TZ51
Input ripple frequency f (kHz)
Tj=25˚C
RR=20log (ei/eo)
IO=0.3A
ei=0.5Vrms (sine wave)
0.1
1
10
100
30
35
40
45
50
55
60
65
70
PQ05TZ11
PQ09TZ11
PQ12TZ11
VIN=7V (PQ05TZ11)
=11V (PQ09TZ11)
=14V (PQ12TZ11)
Output current IO (A)
0
0.1
0.2
0.3
0.4
0.5
10
20
30
40
50
60
70
80
90
100
PQ05TZ51
PQ09TZ51
PQ12TZ51
Tj=25˚C
f=120Hz (sine wave)
ei=0.5Vrms
VIN=7V (PQ05TZ51)
=11V (PQ09TZ51)
=14V (PQ12TZ51)
Output current IO (A)
0
0.5
1.0
10
20
30
40
50
60
70
80
90
100
PQ05TZ11 PQ09TZ11
PQ12TZ11
Tj=25˚C
f=120Hz (sine wave)
ei=0.5Vrms
VIN=7V (PQ05TZ11)
=11V (PQ09TZ11)
=14V (PQ12TZ11)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn