Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ05TZ51 Datasheet(PDF) 3 Page - Sharp Electrionic Components

Part No. PQ05TZ51
Description  Low Power-Loss Voltage Regulators with OFF-state Low Dissipation Current
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

PQ05TZ51 Datasheet(HTML) 3 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Low Power-Loss Voltage Regulators
PQ05TZ51/PQ05TZ11 Series
Output current IO (A)
0
0
20
40
60
80
100
0.3
0.6
0.9
1.2
1.5
1.8
2.1
PQxxTZ5/51
PQxxTZ1/11
Junction temperature Tj (˚C)
-25
0
0
-50
-45
-40
-35
-30
-25
-20
-15
-10
- 5
5
10
15
20
25
30
35
25
50
75
100
125
VIN=7V , IO=5mA , VC=2.7V
-25
0
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
10
20
30
40
50
60
70
25
50
75
100
125
VIN=11V , IO=5mA , VC=2.7V
Junction temperature Tj (˚C)
Junction temperature Tj (˚C)
-
25
0
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
10
20
30
40
50
60
70
25
50
75
100
125
VIN=14V , IO=5mA , VC=2.7V
Input voltage VIN (V)
012345678
1
2
3
4
5
6
7
VC=2.7V , Ci=0.33
µF , C0=47µF
RL=20
RL=10
RL=
Fig.3 Power Dissipation vs. Ambient
Temperature
Fig.5 Output Voltage Deviation vs. Junction
Temperature (PQ05TZ51/11)
Fig.7 Output Voltage Deviation vs. Junction
Temperature (PQ12TZ51/11)
Fig.6 Output Voltage Deviation vs. Junction
Temperature (PQ09TZ51/11)
Fig.8 Output Voltage vs. Input Voltage
(PQ05TZ51)
Fig.4 Overcurrent Protection Characteristics
(Typical Value) (xx=05,09,12)
,,
,,
,,
-20
0
0
5
10
20
40
60
80
100
PD
With infinite heat sink
Ambient temperature Ta (˚C)
Note) Oblique line portion : Overheat protection may
operate in this area.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn