Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ05TZ51 Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. PQ05TZ51
Description  Low Power-Loss Voltage Regulators with OFF-state Low Dissipation Current
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

PQ05TZ51 Datasheet(HTML) 1 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
“ In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices
shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
Low Power-Loss Voltage Regulators
PQ05TZ51/PQ05TZ11 Series
PQ05TZ51/PQ05TZ11 Series
Low Power-Loss Voltage Regulators with OFF-state Low Dissipation Current
s Features
s Outline Dimensions
(Unit : mm)
Output voltage
PQ05TZ51
PQ05TZ11
Output voltage
precision:±2.5%
Output voltage
precision:±2.5%
s Model Line-ups
5V Output
0.5A
Output
1.0A
Output
PQ09TZ51
PQ09TZ11
9V Output
PQ12TZ51
PQ12TZ11
12V Output
Parameter
Symbol
Rating
Unit
VIN
VC
IO
PD
Tj
Topr
Tstg
Tsol
PQXXTZ51
0.5
V
V
A
W
˚C
˚C
˚C
˚C
Input voltage
Output control voltage
Output current
Power dissipation
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
*1
*1
*2
*3
*1 All are open except GND and applicable terminals.
*2 With infinite heat sink.
*3 Overheat protection may operate at 125˚C=<Tj=<150˚C
s Absolute Maximum Ratings
(XX=05,09,12, Ta=25˚C)
PQXXTZ11
1.0
24
24
8
150
-20 to +80
-40 to +150
260 (For 10s)
05TZ51
6.6MAX
5.2±0.5
2.3±0.5
(0.5)
(0.5)
3
0.5
+0.2
-0.1
4-(1.27)
13
24 5
3
5
1
2
Specific IC
(0to0.25)
1 DC input (VIN)
2 ON/OFF control
terminal (VC)
3 DC output (VO)
4 NC
5 GND
Heat sink is common to 3 (VO).
Internal connection diagram
· Please refer to the chapter“ Handling Precautions ”.
¡Low power-loss (Dropout voltage : MAX 0.5V)
¡Surface mount type package (Equivalent to EIAJ SC-63)
¡Both the 0.5A output PQ05TZ51 series and the 1A output
PQ05TZ11 series have high-precision output (±2.5%)
¡Low dissipation current at OFF-state (Iqs:MAX.5µA)
¡Built-in ON/OFF control function


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn