Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2839ASEWO+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2839ASEWO+T
Description  2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2839ASEWO+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2839ASEWO+T Datasheet HTML 5Page - Maxim Integrated Products MAX2839ASEWO+T Datasheet HTML 6Page - Maxim Integrated Products MAX2839ASEWO+T Datasheet HTML 7Page - Maxim Integrated Products MAX2839ASEWO+T Datasheet HTML 8Page - Maxim Integrated Products MAX2839ASEWO+T Datasheet HTML 9Page - Maxim Integrated Products MAX2839ASEWO+T Datasheet HTML 10Page - Maxim Integrated Products MAX2839ASEWO+T Datasheet HTML 11Page - Maxim Integrated Products MAX2839ASEWO+T Datasheet HTML 12Page - Maxim Integrated Products MAX2839ASEWO+T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
2.3GHz to 2.7GHz MIMO Wireless
BroadbandRF Transceiver
_______________________________________________________________________________________
9
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
4-WIRE SERIAL PARALLEL INTERFACE TIMING (see Figure 1)
SCLK Rising Edge to CS Falling
Edge Wait Time
tCSO
6ns
Falling Edge of CS to Rising
Edge of First SCLK Time
tCSS
6ns
DIN to SCLK Setup Time
tDS
6ns
DIN to SCLK Hold Time
tDH
6ns
SCLK Pulse-Width High
tCH
6ns
SCLK Pulse-Width Low
tCL
6ns
Last Rising Edge of SCLK to
Rising Edge of CS or Clock to
Load Enable Setup Time
tCSH
6ns
CS High Pulse Width
tCSW
20
ns
Time Between Rising Edge of CS
and the Next Rising Edge of
SCLK
tCS1
6ns
Clock Frequency
fCLK
40
MHz
Rise Time
tR
0.1/fCLK
ns
Fall Time
tF
0.1/fCLK
ns
SCLK Falling Edge to Valid DOUT
tD
12.5
ns
AC ELECTRICAL CHARACTERISTICS—TIMING (continued)
(MAX2839AS Evaluation Kit. Unless otherwise noted, VCC_ = 2.8V, fLO = 2.5GHz, fREF = 40MHz, CS = high, SCLK = DIN = low, PLL
closed-loop unity gain bandwidth = 120kHz, and TA = +25°C.) (Note 2)
Note 2: Min/max limits are production tested at TA = +85°C. Min/max limits at TA = -40°C and TA = +25°C are guaranteed by
design and characterization. The power-on default register settings are not production tested. Load register setting 10µs
after VCC is applied.
Note 3: Tx mode supply current is specified for 64 QAM while achieving the Tx output spectrum mask shown in the
Typical Operating
Characteristics. The supply current can be reduced for 16 QAM signal by adjusting the Tx bias settings through the SPI.
Note 4: Two tones at +20MHz and +39MHz offset with -35dBm/tone. Measure IM3 at 1MHz.
Note 5: Gain adjusted over max gain and max gain -3dB.


Similar Part No. - MAX2839ASEWO+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2839ASEVKIT MAXIM-MAX2839ASEVKIT Datasheet
1Mb / 14P
   On-Board Line Drivers and Voltage References Evaluation Kit
Rev 2; 11/14
MAX2839ASEVKIT++ MAXIM-MAX2839ASEVKIT+ Datasheet
1Mb / 14P
   On-Board Line Drivers and Voltage References Evaluation Kit
Rev 2; 11/14
More results

Similar Description - MAX2839ASEWO+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2839 MAXIM-MAX2839 Datasheet
896Kb / 26P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 3/08
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
MAX2837 MAXIM-MAX2837 Datasheet
314Kb / 18P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Rev 1; 11/08
MAX2838 MAXIM-MAX2838 Datasheet
606Kb / 22P
   3.3GHz to 3.9GHz Wireless Broadband RF Transceiver
Rev 1; 8/08
logo
RF Micro Devices
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
logo
Renesas Technology Corp
F0452C RENESAS-F0452C Datasheet
1Mb / 24P
   Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0472 RENESAS-F0472 Datasheet
125Kb / 3P
   Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0452B RENESAS-F0452B Datasheet
3Mb / 29P
   Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
   Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
logo
Pulse A Technitrol Comp...
B5004 PULSE-B5004 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com