Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR2G Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # FR2G
Description  Fast Switching Surface Mount Silicon Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

FR2G Datasheet(HTML) 1 Page - Diotec Semiconductor

  FR2G Datasheet HTML 1Page - Diotec Semiconductor FR2G Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR2A ... FR2M
FR2A ... FR2M
Fast Switching Surface Mount Silicon Rectifier Diodes
Schnelle Silizium-Gleichrichterdioden für die Oberflächenmontage
Version 2010-12-06
Dimensions - Maße [mm]
Nominal current – Nennstrom
2 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...1000 V
Plastic case
Kunststoffgehäuse
~ SMB
~ DO-214AA
Weight approx. – Gewicht ca.
0.1 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings
Grenzwerte
Type
Typ
Rep. peak reverse voltage
Period. Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Reverse recovery time
Sperrverzugszeit
trr [ns] 1)
FR2A
50
50
< 150
FR2B
100
100
< 150
FR2D
200
200
< 150
FR2G
400
400
< 150
FR2J
600
600
< 250
FR2K
800
800
< 500
FR2M
1000
1000
< 500
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
IFAV
2 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
10 A 2)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
50/55 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
12.5 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
IF = 0.5 A through/über IR = 1 A to/auf IR = 0.25 A
2
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
Type
Typ
5
± 0.5
5.4
± 0.5
0.15


Similar Part No. - FR2G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
FR2G PANJIT-FR2G Datasheet
59Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
logo
Chongqing Pingwei Enter...
FR2G CHONGQING-FR2G Datasheet
41Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Microdiode Electronics ...
FR2G CHENDA-FR2G Datasheet
950Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Surge Components
FR2G SURGE-FR2G Datasheet
80Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes?
logo
SEMTECH ELECTRONICS LTD...
FR2G SEMTECH_ELEC-FR2G Datasheet
249Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - FR2G

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FR3A DIOTEC-FR3A_13 Datasheet
100Kb / 2P
   Fast Switching Surface Mount Silicon Rectifier Diodes
SA261 DIOTEC-SA261_10 Datasheet
107Kb / 2P
   Fast Switching Surface Mount Silicon Rectifier Diodes
FR1A DIOTEC-FR1A_11 Datasheet
99Kb / 2P
   Fast Switching Surface Mount Silicon Rectifier Diodes
FR1A DIOTEC-FR1A_13 Datasheet
99Kb / 2P
   Fast Switching Surface Mount Silicon Rectifier Diodes
logo
Semikron International
SA154 SEMIKRON-SA154_07 Datasheet
110Kb / 2P
   Surface mount diode Fast silicon rectifier diodes
FR2A SEMIKRON-FR2A_07 Datasheet
121Kb / 2P
   Surface mount diode Fast silicon rectifier diodes
logo
Diotec Semiconductor
USL1A DIOTEC-USL1A Datasheet
117Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
US1A DIOTEC-US1A_13 Datasheet
104Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
US1A DIOTEC-US1A_11 Datasheet
103Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
US1A-Q DIOTEC-US1A-Q_13 Datasheet
130Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com