Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR1B Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # FR1B
Description  Fast Switching Surface Mount Silicon Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

FR1B Datasheet(HTML) 2 Page - Diotec Semiconductor

  FR1B Datasheet HTML 1Page - Diotec Semiconductor FR1B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FR1A ... FR1M
Characteristics
Kennwerte
Forward voltage
Durchlass-Spannung
Tj = 25°C
IF = 1 A
VF
< 1.3 V
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
VR = VRRM
IR
IR
< 5 µA
< 200 µA
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 70 K/W 1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht − Anschluss
RthT
< 30 K/W
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current vs. temp. of the terminals
in Abh. v. d. Temp. der Terminals
Zul. Richtstrom
120
100
80
60
40
20
0
I
FAV
[%]
[°C]
T
T
150
100
50
0
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
30a-(1a-1.3v)


Similar Part No. - FR1B

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
FR1B LEIDITECH-FR1B Datasheet
575Kb / 3P
   High Temp Soldering: 260째C for 10 Seconds At Terminals
logo
Pan Jit International I...
FR1B PANJIT-FR1B Datasheet
60Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Semikron International
FR1B SEMIKRON-FR1B Datasheet
114Kb / 2P
   Surface mount diode
logo
Diotec Semiconductor
FR1B DIOTEC-FR1B Datasheet
99Kb / 2P
   Fast Switching Surface Mount Silicon Rectifier Diodes
logo
Surge Components
FR1B SURGE-FR1B Datasheet
77Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere
More results

Similar Description - FR1B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FR3A DIOTEC-FR3A_13 Datasheet
100Kb / 2P
   Fast Switching Surface Mount Silicon Rectifier Diodes
FR2A DIOTEC-FR2A_10 Datasheet
99Kb / 2P
   Fast Switching Surface Mount Silicon Rectifier Diodes
SA261 DIOTEC-SA261_10 Datasheet
107Kb / 2P
   Fast Switching Surface Mount Silicon Rectifier Diodes
FR1A DIOTEC-FR1A_13 Datasheet
99Kb / 2P
   Fast Switching Surface Mount Silicon Rectifier Diodes
logo
Semikron International
SA154 SEMIKRON-SA154_07 Datasheet
110Kb / 2P
   Surface mount diode Fast silicon rectifier diodes
FR2A SEMIKRON-FR2A_07 Datasheet
121Kb / 2P
   Surface mount diode Fast silicon rectifier diodes
logo
Diotec Semiconductor
USL1A DIOTEC-USL1A Datasheet
117Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
US1A DIOTEC-US1A_13 Datasheet
104Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
US1A DIOTEC-US1A_11 Datasheet
103Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
US1A-Q DIOTEC-US1A-Q_13 Datasheet
130Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com