Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2829ETN Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2829ETN
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829ETN Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2829ETN Datasheet HTML 2Page - Maxim Integrated Products MAX2829ETN Datasheet HTML 3Page - Maxim Integrated Products MAX2829ETN Datasheet HTML 4Page - Maxim Integrated Products MAX2829ETN Datasheet HTML 5Page - Maxim Integrated Products MAX2829ETN Datasheet HTML 6Page - Maxim Integrated Products MAX2829ETN Datasheet HTML 7Page - Maxim Integrated Products MAX2829ETN Datasheet HTML 8Page - Maxim Integrated Products MAX2829ETN Datasheet HTML 9Page - Maxim Integrated Products MAX2829ETN Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
6
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS—802.11a Rx Mode (MAX2828/MAX2829)
(MAX2828/MAX2829 evaluation kits: VCC = +2.7V, fIN = 5.25GHz; receiver baseband I/Q outputs at 112mVRMS (-19dBV), fREFOSC =
40MHz, SHDN = RXENA = CS = high, RXHP = TXENA = SCLK = DIN = low, RBIAS = 11k
Ω, registers set to default settings and cor-
responding test mode, TA = +25°C, unless otherwise noted. Unmodulated single-tone RF input signal is used, unless otherwise indi-
cated.) (Tables 1, 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RECEIVER SECTION: LNA RF INPUT TO BASEBAND I/Q OUTPUTS
802.11a low-band mode
4.900
5.350
RF Input Frequency Range
802.11a high-band mode
5.470
5.875
GHz
LNA high-gain mode (B7:B6 = 11)
-15
LNA medium-gain mode
(B7:B6 = 10)
-11
RF Input Return Loss
With 50
Ω external
match
LNA low-gain mode (B7:B6 = 0X)
-7
dB
TA = +25
°C91
97
Maximum gain,
B7:B1 = 1111111
TA = -40
°C to +85°C (Note 1)
88
Total Voltage Gain
Minimum gain,
B7:B1 = 0000000
TA = +25
°C0
3
dB
From high-gain mode (B7:B6 = 11) to medium-gain
mode (B7:B6 = 10) (Note 3)
-19
RF Gain Steps
From high-gain mode (B7:B6 = 11) to low-gain mode
(B7:B6 = 0X) (Note 3)
-34.5
dB
fRF = 4.9GHz
-0.3
fRF = 5.35GHz
0.4
Gain Variation Relative to
5.25GHz
fRF = 5.875GHz
-4
dB
Baseband Gain Range
From maximum baseband gain (B5:B1 = 11111) to
minimum baseband gain (B5:B1 = 00000)
62
dB
Voltage gain
≥ 65dB, with B7:B6 = 11
4.5
Voltage gain = 50dB, with B7:B6 = 11
4.8
Voltage gain = 45dB, with B7:B6 = 10
15
DSB Noise Figure
Voltage gain = 15dB, with B7:B6 = 0X
36
dB
Output P-1dB
Voltage gain = 90dB, with B7:B6 = 11
3.2
VP-P
Voltage gain = 60dB,
with B7:B6 = 11
-15
Voltage gain = 45dB,
with B7:B6 = 10
0.5
Out-of-Band Input IP3
-35dBm jammers at
40MHz and 78MHz
offset; based on IM3
at 2MHz
Voltage gain = 40dB,
with B7:B6 = 0X
20
dBm
Voltage gain = 35dB, with B7:B6 = 11
-32
Voltage gain = 20dB, with B7:B6 = 10
-12
In-Band Input P-1dB
Voltage gain = 5dB, with B7:B6 = 0X
3
dBm


Similar Part No. - MAX2829ETN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2829EVKIT MAXIM-MAX2829EVKIT Datasheet
5Mb / 13P
   On-Board Line Drivers and Voltage Reference
Rev 4; 1/16
More results

Similar Description - MAX2829ETN

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQS5200 TRIQUINT-TQS5200_15 Datasheet
415Kb / 7P
   802.11a/b/g Single/Dual-band SPDT Switch
TQS5200 TRIQUINT-TQS5200 Datasheet
432Kb / 8P
   SPDT Switch for Single- band and Dual-band, 802.11a/b/g Systems
logo
Skyworks Solutions Inc.
SKY85806-11 SKYWORKS-SKY85806-11 Datasheet
1Mb / 17P
   Dual-Band 802.11a-g-n-ac Wireless LAN
logo
SiGe Semiconductor, Inc...
SE2548A SIGE-SE2548A Datasheet
117Kb / 2P
   Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
SE2547A SIGE-SE2547A Datasheet
104Kb / 2P
   Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
logo
silex technology americ...
SX-ULPGN-DB SILEX-SX-ULPGN-DB Datasheet
1Mb / 2P
   Hostless 802.11a/b/g/n Dual Band Wi-Fi Internet-of-Things Platform
logo
Skyworks Solutions Inc.
SKY85806-11 SKYWORKS-SKY85806-11_16 Datasheet
1Mb / 18P
   Dual-Band 802.11a/g/n/ac Wireless LAN Front End
logo
Freescale Semiconductor...
LP1071 FREESCALE-LP1071 Datasheet
467Kb / 32P
   802.11a/b/g Baseband System
logo
Suntsu Electronics, Inc...
SATIA-160A11A-WFB1 SUNTSU-SATIA-160A11A-WFB1 Datasheet
1,016Kb / 3P
   Bluetooth & IEEE 802.11a/b/g
SATIA-119C6A-WFB1 SUNTSU-SATIA-119C6A-WFB1 Datasheet
436Kb / 3P
   Bluetooth & IEEE 802.11a/b/g
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com