Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ09RG11 Datasheet(PDF) 6 Page - Sharp Corporation

Part # PQ09RG11
Description  Low Power-Loss Voltage RegulatorsBuilt-in Reverse Voltage Protection Function Between Input and Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ09RG11 Datasheet(HTML) 6 Page - Sharp Corporation

  PQ09RG11 Datasheet HTML 1Page - Sharp Corporation PQ09RG11 Datasheet HTML 2Page - Sharp Corporation PQ09RG11 Datasheet HTML 3Page - Sharp Corporation PQ09RG11 Datasheet HTML 4Page - Sharp Corporation PQ09RG11 Datasheet HTML 5Page - Sharp Corporation PQ09RG11 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Low Power-Loss Voltage Regulators
PQ05RG1/PQ05RG11 Series
Fig.21 Ripple Rejection vs. Input Ripple
Frequency
Fig.23 Output Peak Current vs. Junction
Temperature
Fig.22 Input-Output Reverse Current vs.
Input-Output Reverse Voltage
0
0
0.5 1
5 10
100
50
40
80
30
70
20
60
10
50
Input ripple frequency f (kHz)
PQ05RG1/11
PQ09RG1/11
PQ12RG1/11
Tj=25˚C
VIN=7V(PQ05RG1/11)
=11V(PQ09RG1/11)
=14V(PQ12RG1/11)
IO=0.5A
ei=0.5Vrms(sine wave)
RR=201og(ei/e0)
0
0
5
10
15
20
25
5
10
Input-output reverse voltage VO-i (V)
PQ05RG1/11
PQ09RG1/11
PQ12RG1/11
Vo-i
VO
Io-i
VIN
GND
A
-20
0
50
25
100
75
125
2.0
1.5
1.0
IOP :Output current when output voltage is 95%
in comparison with the initial value
0
Junction temperature Tj (˚C)
VIN-VO =5V
2V
0.5V


Similar Part No. - PQ09RG11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PQ09R01 ETC1-PQ09R01 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
PQ09R02 ETC1-PQ09R02 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
PQ09R03 ETC1-PQ09R03 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
PQ09R04 ETC1-PQ09R04 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
PQ09R041 ETC1-PQ09R041 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
More results

Similar Description - PQ09RG11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05SZ5 SHARP-PQ05SZ5 Datasheet
53Kb / 7P
   Low Power-Loss Voltage Regulators (Built-in Reverse Voltage Protection Function)
logo
First Silicon Co., Ltd
JC357 FS-JC357 Datasheet
572Kb / 6P
   High isolation voltage between input and output
logo
Sharp Corporation
PQ150VB01FZ SHARP-PQ150VB01FZ Datasheet
85Kb / 7P
   Variable Output Low Power-Loss Voltage Regulator (Built-in Overheart Shutdown function, Output ON/OFF control function)
PQ05RR12 SHARP-PQ05RR12 Datasheet
39Kb / 5P
   1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
PQ30VB11 SHARP-PQ30VB11 Datasheet
35Kb / 4P
   Variable Output Low Power-Loss Voltage Regulator(Built-in Overheat Shut-Down Function)
PQ05RR1 SHARP-PQ05RR1 Datasheet
45Kb / 5P
   1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
logo
ISOCOM COMPONENTS
IS281-4GB ISOCOM-IS281-4GB Datasheet
258Kb / 10P
   Current transfer ratio, Isolation voltage between input and output
logo
Sharp Corporation
PQ070VK01FZH SHARP-PQ070VK01FZH Datasheet
410Kb / 6P
   Variable Output, Low Power-Loss Voltage Regulators with Output ON/OFF Control Function
PQ05RB11 SHARP-PQ05RB11 Datasheet
33Kb / 4P
   Low Power-Loss Voltage Regulators (Built-in Overheat Shut-Down Function)
logo
STMicroelectronics
EVAL-VNH5019-P2 STMICROELECTRONICS-EVAL-VNH5019-P2 Datasheet
88Kb / 3P
   Reverse-voltage protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com