Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2644EXT-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2644EXT-T
Description  2.4GHz SiGe, High IP3 Low-Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2644EXT-T Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX2644EXT-T Datasheet HTML 1Page - Maxim Integrated Products MAX2644EXT-T Datasheet HTML 2Page - Maxim Integrated Products MAX2644EXT-T Datasheet HTML 3Page - Maxim Integrated Products MAX2644EXT-T Datasheet HTML 4Page - Maxim Integrated Products MAX2644EXT-T Datasheet HTML 5Page - Maxim Integrated Products MAX2644EXT-T Datasheet HTML 6Page - Maxim Integrated Products MAX2644EXT-T Datasheet HTML 7Page - Maxim Integrated Products MAX2644EXT-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Standby
Standby mode is achieved by disconnecting BIAS as
shown in Figure 1. Avoid capacitance at the BIAS pin
by connecting the bias resistor from BIAS to the switch.
Layout Issues
A properly designed PC board is essential to any
RF/microwave circuit. Use controlled impedance lines
on all high-frequency inputs and outputs. Bypass with
decoupling capacitors located close to the device VCC
pin. For long VCC lines, it may be necessary to add
additional decoupling capacitors. These additional
capacitors can be located farther away from the device
package. Proper grounding of the GND pins is essen-
tial. If the PC board uses a topside RF ground, connect
it directly to all GND pins. For a board where the
ground plane is not on the component layer, the best
technique is to connect the GND pins to the board with
a plated through-hole located close to the package.
2.4GHz SiGe,
High IP3 Low-Noise Amplifier
6
_______________________________________________________________________________________
Table 1. MAX2644 Typical Scattering Parameters
(RBIAS = 750
Ω, VCC = +3.0V, TA = +25°C.)
FREQ.
(MHz)
S11
MAG
S11 PHASE
(DEGREES)
S21
MAG
S21 PHASE
(DEGREES)
S12
MAG
S12 PHASE
(DEGREES)
S22
MAG
S22 PHASE
(DEGREES)
2200
0.3372
-79.36
5.1940
170.97
0.0414
157.19
0.2818
-73.71
2250
0.3098
-70.09
5.3156
166.79
0.0445
146.70
0.2204
-67.13
2300
0.3283
-57.20
5.4281
159.22
0.0469
130.62
0.1566
-50.26
2350
0.4005
-50.46
5.4175
150.70
0.0441
108.72
0.1480
-3.96
2400
0.4839
-50.28
5.3346
143.93
0.0349
85.67
0.2795
15.12
2450
0.5443
-56.33
5.0687
136.45
0.0233
58.80
0.4179
11.12
2500
0.5758
-60.09
4.9556
132.16
0.0113
27.74
0.5135
3.28
2550
0.5784
-63.61
4.5952
127.68
0.0041
-38.98
0.5622
-2.66
2600
0.5698
-66.56
4.2364
126.58
0.0063
-110.49
0.5986
-7.45
2650
0.5600
-68.51
4.1376
126.51
0.0103
-128.93
0.6208
-10.43
2700
0.5533
-69.86
4.0729
120.60
0.0133
-140.21
0.6425
-12.93
FREQ.
(MHz)
S11
MAG
S11 PHASE
(DEGREES)
S21
MAG
S21 PHASE
(DEGREES)
S12
MAG
S12 PHASE
(DEGREES)
S22
MAG
S22 PHASE
(DEGREES)
2200
0.3482
-67.06
5.2390
-177.33
0.0402
161.53
0.2873
-76.58
2250
0.3121
-58.60
5.3790
178.72
0.0435
151.97
0.2305
-69.42
2300
0.3051
-43.64
5.5982
173.43
0.0452
136.90
0.1735
-54.22
2350
0.3693
-30.34
5.8137
166.48
0.0427
116.57
0.1582
-16.42
2400
0.4769
-29.48
5.8063
158.29
0.0341
95.13
0.2687
6.52
2450
0.5619
-35.54
5.6624
150.06
0.0236
68.36
0.4043
5.00
2500
0.5948
-42.64
5.3015
142.37
0.0117
41.34
0.5030
-2.19
2550
0.5939
-47.58
4.7813
136.67
0.0034
-13.74
0.5602
-8.04
2600
0.5825
-50.94
4.3271
134.58
0.0056
-104.09
0.5952
-12.76
2650
0.5708
-53.14
4.1961
133.48
0.0096
-124.80
0.6215
-15.97
2700
0.5604
-54.35
4.1068
128.01
0.0125
-134.75
0.6434
-18.83
Table 2. MAX2644 Typical Scattering Parameters
(RBIAS = 1.2k
Ω, VCC = +3.0V, TA = +25°C.)


Similar Part No. - MAX2644EXT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2644EXT-T MAXIM-MAX2644EXT-T Datasheet
162Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
More results

Similar Description - MAX2644EXT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2642 MAXIM-MAX2642 Datasheet
238Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
19-1682; Rev 0; 4/00
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
logo
Analog Devices
HMC639ST89 AD-HMC639ST89 Datasheet
351Kb / 6P
   HIGH IP3, LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2247 MAXIM-MAX2247 Datasheet
770Kb / 10P
   2.4GHz SiGe Linear Power Amplifier
Rev 4; 8/03
MAX2247 MAXIM-MAX2247_09 Datasheet
159Kb / 10P
   2.4GHz SiGe Linear Power Amplifier
Rev 5; 1/09
logo
Intersil Corporation
HFA3424 INTERSIL-HFA3424 Datasheet
43Kb / 5P
   2.4GHz - 2.5GHz Low Noise Amplifier
January 1997
logo
Renesas Technology Corp
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
   SiGe MMIC High Frequency Low Noise Amplifier
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
   SiGe MMIC High Frequency Low Noise Amplifier
logo
Analog Devices
HMC465LP5 AD-HMC465LP5 Datasheet
1Mb / 8P
   GaAs pHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com