Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP13A Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # 5KP13A
Description  Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

5KP13A Datasheet(HTML) 3 Page - Diotec Semiconductor

  5KP13A Datasheet HTML 1Page - Diotec Semiconductor 5KP13A Datasheet HTML 2Page - Diotec Semiconductor 5KP13A Datasheet HTML 3Page - Diotec Semiconductor 5KP13A Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5KP6.5 ... 5KP110CA
Maximum ratings
Grenzwerte
Type
Typ
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) at / bei IT = 10 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
VWM [V]
ID [µA]
VBRmin [V]
VBRmax [V]
VC [V]
IPPM [A]
5KP30
30
10
33.3
42.2
53.5
93
5KP30A
30
10
33.3
38.3
48.4
103
5KP33
33
10
36.7
46.5
59.0
85
5KP33A
33
10
36.7
42.2
53.3
94
5KP36
36
10
40.0
50.7
64.3
78
5KP36A
36
10
40.0
46.0
58.1
86
5KP40
40
10
44.4
56.3
71.4
70
5KP40A
40
10
44.4
51.1
64.5
78
5KP43
43
10
47.8
60.5
76.7
65
5KP43A
43
10
47.8
54.9
69.4
72
5KP45
45
10
50.0
63.3
80.3
62
5KP45A
45
10
50.0
57.5
72.7
69
5KP48
48
10
53.3
67.5
85.5
58
5KP48A
48
10
53.3
61.3
77.4
65
5KP51
51
10
56.7
71.8
91.1
55
5KP51A
51
10
56.7
65.2
82.4
61
5KP54
54
10
60.0
76.0
96.3
52
5KP54A
54
10
60.0
69.0
87.1
57
5KP58
58
10
64.4
81.6
103
49
5KP58A
58
10
64.4
74.1
93.6
53
5KP60
60
10
66.7
84.5
107
47
5KP60A
60
10
66.7
76.7
96.8
52
5KP64
64
10
71.1
90.1
114
44
5KP64A
64
10
71.1
81.8
103
49
5KP70
70
10
77.8
98.6
125
40
5KP70A
70
10
77.8
89.5
113
44
5KP75
75
10
83.3
105.7
134
37
5KP75A
75
10
83.3
95.8
121
41
5KP78
78
10
86.7
109.8
139
36
5KP78A
78
10
86.7
99.7
126
40
5KP85
85
10
94.4
119.2
151
33
5KP85A
85
10
94.4
108.2
137
36
5KP90
90
10
100
126.5
160
31
5KP90A
90
10
100
115.5
146
34
5KP100
100
10
111
141.0
179
28
5KP100A
100
10
111
128.0
162
31
5KP110
110
10
122
154.5
196
26
5KP110A
110
10
122
140.5
177
28
For bidirectional types (suffix “C” or “CA”), electrical characteristics apply in both directions.
Für bidirektionale Dioden (Suffix “C” oder “CA”) gelten die elektrischen Werte in beiden Richtungen.
© Diotec Semiconductor AG
http://www.diotec.com/
3


Similar Part No. - 5KP13A

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP13A SURGE-5KP13A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
DONGGUAN YOU FENG WEI E...
5KP13A YFWDIODE-5KP13A Datasheet
79Kb / 4P
   5000W Transient Voltage Suppressors
logo
Formosa MS
5KP13A FORMOSA-5KP13A Datasheet
148Kb / 4P
   Transient Voltage Suppressor
logo
Won-Top Electronics
5KP13A WTE-5KP13A Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
5KP13A SECOS-5KP13A Datasheet
357Kb / 4P
   5000W Peak Power TVS
More results

Similar Description - 5KP13A

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
1.5KE6.8 DIOTEC-1.5KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com