Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS9106S-PK0+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS9106S-PK0+
Description  iButtonTMHalo
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9106S-PK0+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS9106S-PK0+ Datasheet HTML 1Page - Maxim Integrated Products DS9106S-PK0+ Datasheet HTML 2Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
19-4853; 8/09
1 of 2
FEATURES
 Slides over iButton and highlights with a
color
 Color-coded tab accepts transparent computer
generated label
 Improves the visibility of the iButton for
quick sighting
 Available in six bright colors
 20 mm (DS9106S) and 60 mm (DS9106L)
usable tail length for legends
 Uses DS9096P adhesive pads for securing the
tail
 1000 labels per bag
iBUTTON HALO TYPES
DS9106L
DS9106S
ORDERING INFORMATION
DS9106S-PK0+
iButton Halo, Pink 20 mm
DS9106S-0G0+
iButton Halo, Orange 20 mm
DS9106S-GN0+
iButton Halo, Green 20 mm
DS9106S-YL0+
iButton Halo, Yellow 20 mm
DS9106S-BL0+
iButton Halo, Blue 20 mm
DS9106L-PK0+
iButton Halo, Pink 60 mm
DS9106L-0G0+
iButton Halo, Orange 60 mm
DS9106L-GN0+
iButton Halo, Green 60 mm
DS9106L-YL0+
iButton Halo, Yellow 60 mm
DS9106L-WH0+
iButton Halo, White 60 mm
+Denotes a lead(Pb)-free/RoHS-compliant product.
DESCRIPTION
The DS9106 iButton Halos are 0.25 mm, thin vinyl highlighters that slide over an iButton that is to be
labeled with text, picture or numeric information. The halo is retained by a friction fit to the iButton it is
pressed onto and one or two DS9096P double-sided adhesive pads.
The halo itself is blank. Readable graphics are added using commercially available label printers such as
the P-Touch series of products from BROTHER and the VARITRONICS EasyStepTM Label Printers.
These manufacturers also offer software support for IBM and MAC compatible computers.
For best visibility and contrast, the labels should be printed black on transparent film. With their adhesive
backing, they then mount on the fluorescent-colored iButton Halo.
iButton is a trademark of Maxim Integrated Products, Inc
DS9106
iButtonTM Halo
www.maxim-ic.com


Similar Part No. - DS9106S-PK0+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS9106 MAXIM-DS9106 Datasheet
56Kb / 2P
   based iButtons branded with their respective character for optimum legibility
Rev 8/09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com