Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2251T Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS2251T
Description  128k Soft Microcontroller Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2251T Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS2251T Datasheet HTML 6Page - Dallas Semiconductor DS2251T Datasheet HTML 7Page - Dallas Semiconductor DS2251T Datasheet HTML 8Page - Dallas Semiconductor DS2251T Datasheet HTML 9Page - Dallas Semiconductor DS2251T Datasheet HTML 10Page - Dallas Semiconductor DS2251T Datasheet HTML 11Page - Dallas Semiconductor DS2251T Datasheet HTML 12Page - Dallas Semiconductor DS2251T Datasheet HTML 13Page - Dallas Semiconductor DS2251T Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
DS2251T
10 of 22
DC CHARACTERISTICS (continued)
(VCC = 5V ±10%, TA = 0˚C to +70˚C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Idle Mode Current at 12MHz
IIDLE
7.0
mA
3
Stop Mode Current
ISTOP
80
µA
4
Pin Capacitance
CIN
10
pF
5
With BAT =
3.0V
4.0
4.25
Reset Trip Point in
Stop Mode
With BAT =
3.3V
4.4
4.65
V
1
AC CHARACTERISTICS—EXPANDED BUS MODE TIMING SPECIFICATIONS
(VCC = 5V ±10%, TA = 0˚C to +70˚C.)
#
PARAMETER
SYMBOL
MIN
MAX
UNITS
1
Oscillator Frequency
1/tCLK
1.0
16 (-16)
MHz
2
ALE Pulse Width
tALPW
2tCLK - 40
ns
3
Address Valid to ALE Low
tAVALL
tCLK - 40
ns
4
Address Hold After ALE Low
tAVAAV
tCLK - 35
ns
At 12MHz
4tCLK - 150
5
ALE Low to Valid Instruction
In
At 16MHz
tALLVI
4tCLK - 90
ns
6
ALE Low to PSEN Low
tALLPSL
tCLK - 25
ns
7
PSEN
Pulse Width
tPSPW
3tCLK - 35
ns
At 12MHz
3tCLK - 150
8
PSEN
Low to Valid
Instruction In
At 16MHz
tPSLVI
3tCLK - 90
ns
9
Input Instr. Hold after PSEN Going High
tPSIV
0
ns
10 Input Instr. Float after PSEN Going High
tPSIX
tCLK - 20
ns
11 Address Hold after PSEN Going High
tPSAV
tCLK - 8
ns
At 12MHz
5tCLK - 150
12
Address Valid to Valid
Instruction In
At 16MHz
tAVVI
5tCLK - 90
ns
13
PSEN
Low to Address Float
tPSLAZ
0
ns
14
RD
Pulse Width
tRDPW
6tCLK - 100
ns
15
WR
Pulse Width
tWRPW
6tCLK - 100
ns
At 12MHz
5tCLK - 165
16
RD
Low to Valid Data In
At 16MHz
tRDLDV
5tCLK - 105
ns
17 Data Hold after RD High
tRDHDV
0
ns
18 Data Float after RD High
tRDHDZ
2tCLK - 70
ns
19 ALE Low to Valid Data In
At 12MHz
tALLVD
8CLK - 150
ns


Similar Part No. - DS2251T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T Datasheet
654Kb / 20P
   128k Soft Microcontroller Module
DS2251T DALLAS-DS2251T Datasheet
118Kb / 19P
   128K Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2251T MAXIM-DS2251T Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2251T-128-16 DALLAS-DS2251T-128-16 Datasheet
654Kb / 20P
   128k Soft Microcontroller Module
DS2251T-128-16 DALLAS-DS2251T-128-16 Datasheet
118Kb / 19P
   128K Soft Microcontroller Module
More results

Similar Description - DS2251T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2251T MAXIM-DS2251T Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T Datasheet
118Kb / 19P
   128K Soft Microcontroller Module
DS2251 DALLAS-DS2251 Datasheet
654Kb / 20P
   128k Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2250T DALLAS-DS2250T Datasheet
594Kb / 20P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000-32-16 MAXIM-DS5000-32-16 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000_06 Datasheet
378Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2250 MAXIM-DS2250 Datasheet
453Kb / 18P
   Soft Microcontroller Module
REV: 060906
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T_06 Datasheet
680Kb / 16P
   Soft Microcontroller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com