Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1996 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1996
Description  64Kb Memory iButton
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1996 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1996 Datasheet HTML 7Page - Maxim Integrated Products DS1996 Datasheet HTML 8Page - Maxim Integrated Products DS1996 Datasheet HTML 9Page - Maxim Integrated Products DS1996 Datasheet HTML 10Page - Maxim Integrated Products DS1996 Datasheet HTML 11Page - Maxim Integrated Products DS1996 Datasheet HTML 12Page - Maxim Integrated Products DS1996 Datasheet HTML 13Page - Maxim Integrated Products DS1996 Datasheet HTML 14Page - Maxim Integrated Products DS1996 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DS1996
11 of 19
Match ROM [55H]
The match ROM command, followed by a 64-bit ROM sequence, allows the bus master to address a
specific DS1996 on a multidrop bus. Only the DS1996 that exactly matches the 64-bit ROM sequence
will respond to the subsequent memory function command. All slaves that do not match the 64-bit ROM
sequence will wait for a reset pulse. This command can be used with a single or multiple devices on the
bus.
Skip ROM [CCH]
This command can save time in a single drop bus system by allowing the bus master to access the
memory functions without providing the 64-bit ROM code. If more than one slave is present on the bus
and a read command is issued following the Skip ROM command, data collision will occur on the bus as
multiple slaves transmit simultaneously (open drain pulldowns will produce a wired–AND result).
Search ROM [F0H]
When a system is initially brought up, the bus master might not know the number of devices on the 1-
Wire bus or their 64-bit ROM codes. The search ROM command allows the bus master to use a process
of elimination to identify the 64-bit ROM codes of all slave devices on the bus. The search ROM process
is the repetition of a simple 3-step routine: read a bit, read the complement of the bit, then write the
desired value of that bit. The bus master performs this simple, 3-step routine on each bit of the ROM.
After one complete pass, the bus master knows the contents of the ROM in one device. The remaining
number of devices and their ROM codes may be identified by additional passes. See Chapter 5 of the
Book of DS19xx iButton Standards for a comprehensive discussion of a search ROM, including an actual
example.
Overdrive Skip ROM [3CH]
On a single-drop bus this command can save time by allowing the bus master to access the memory
functions without providing the 64-bit ROM code. Unlike the normal Skip ROM command the Overdrive
Skip ROM sets the DS1996 in the Overdrive Mode (OD=1). All communication following this command
has to occur at Overdrive Speed until a reset pulse of minimum 480 µs duration resets all devices on the
bus to regular speed (OD=0).
When issued on a multidrop bus this command will set all Overdrive-capable devices into Overdrive
mode. To subsequently address a specific Overdrive-capable device, a reset pulse at Overdrive speed has
to be issued followed by a Match ROM or Search ROM command sequence. This will shorten the time
for the search process. If more than one slave supporting Overdrive is present on the bus and the
Overdrive Skip ROM command is followed by a read command, data collision will occur on the bus as
multiple slaves transmit simultaneously (open drain pulldowns will produce a wired-AND result).
Overdrive Match ROM [69H]
The Overdrive Match ROM command, followed by a 64-bit ROM sequence transmitted at Overdrive
Speed, allows the bus master to address a specific DS1996 on a multidrop bus and to simultaneously set it
in Overdrive Mode. Only the DS1996 that exactly matches the 64-bit ROM sequence will respond to the
subsequent memory function command. Slaves already in Overdrive mode from a previous Overdrive
Skip or Match command will remain in Overdrive mode. All other slaves that do not match the 64-bit
ROM sequence or do not support Overdrive will return to or remain at regular speed and wait for a reset
pulse of minimum 480 µs duration. The Overdrive Match ROM command can be used with a single or
multiple devices on the bus.


Similar Part No. - DS1996

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1996 DALLAS-DS1996 Datasheet
321Kb / 18P
   64kbit Memory iButtonTM
DS1996L-F5 DALLAS-DS1996L-F5 Datasheet
321Kb / 18P
   64kbit Memory iButtonTM
More results

Similar Description - DS1996

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1995 MAXIM-DS1995 Datasheet
45Kb / 2P
   16Kb Memory iButton
Rev 8/09
logo
Ramtron International C...
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
logo
Dallas Semiconductor
DS1995 DALLAS-DS1995 Datasheet
193Kb / 1P
   16-kbit Memory iButton
logo
Ramtron International C...
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_05 Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
logo
Maxim Integrated Produc...
DS2506 MAXIM-DS2506 Datasheet
898Kb / 25P
   64Kb Add-Only Memory
062100
logo
Dallas Semiconductor
DS1994 DALLAS-DS1994 Datasheet
254Kb / 22P
   4kb Plus Time Memory iButton
logo
Ramtron International C...
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com