Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1921H Datasheet(PDF) 41 Page - Maxim Integrated Products

Part # DS1921H
Description  High-Resolution Thermochron iButton
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1921H Datasheet(HTML) 41 Page - Maxim Integrated Products

Back Button DS1921H Datasheet HTML 37Page - Maxim Integrated Products DS1921H Datasheet HTML 38Page - Maxim Integrated Products DS1921H Datasheet HTML 39Page - Maxim Integrated Products DS1921H Datasheet HTML 40Page - Maxim Integrated Products DS1921H Datasheet HTML 41Page - Maxim Integrated Products DS1921H Datasheet HTML 42Page - Maxim Integrated Products DS1921H Datasheet HTML 43Page - Maxim Integrated Products DS1921H Datasheet HTML 44Page - Maxim Integrated Products DS1921H Datasheet HTML 45Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
DS1921H/Z
41 of 45
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
IO pin, 1-Wire Reset, Presence Detect Cycle
Reset Low Time
tRSTL
Standard Speed,
VPUP > 4.5V
480
640
µs
1, 15
Standard Speed
540
640
Overdrive Speed
48
80
Presence Detect High
tPDH
Standard Speed
15
60
µs
15
Time
Overdrive Speed
1.1
6
Presence Detect Low
tPDL
Standard Speed
60
270
µs
15
Time
Overdrive Speed
7.5
24
Presence Detect
tMSP
Standard Speed
60
75
µs
1, 16
Sample Time
Overdrive Speed
6
8.6
IO pin, 1-Wire Write
Write-0 Low Time
tW0L
Standard Speed
60
120
µs
1, 15
Overdrive Speed
6
15
Write-1 Low Time
tW1L
Standard Speed
5
15 -
ε
µs
1, 11
Overdrive Speed
1
2 -
ε
IO pin, 1-Wire Read
Read Low Time
tRL
Standard Speed
5
15 -
δ
µs
1, 12
Overdrive Speed
1
2 -
δ
Read Sample Time
tMSR
Standard Speed
tRL + δ
15
µs
1, 12
Overdrive Speed
tRL + δ
2
Real-Time Clock
Frequency Deviation
F
-5°C to +46°C
-48
+46
PPM
Temperature Converter
Tempcore Operating
TTC
DS1921H
15
46
°C
Range
DS1921Z
-5
+26
Conversion Time
tCONV
75
360
ms
Thermal Response
Time Constant
τ
RESP
130
s
13
Conversion Error
∆ϑ
-1
+1
°C
17, 18
Number of
Conversions
NCONV
(see graphs)
14, 16
NOTES
1)
System Requirement.
2)
Maximum allowable pull-up resistance is a function of the number of 1-Wire devices in the
system and 1-Wire recovery times. The specified value here applies to systems with only one
device and with the minimum 1-Wire recovery times. For more heavily loaded systems, an active
pull-up such as that found in the DS2480B may be required.
3)
Capacitance on IO could be 800pF when power is first applied. If a 2.2k
Ω resistor is used to pull
up the data line, 2.5µs after VPUP has been applied the parasite capacitor will not affect normal
communication.
4)
Input load is to ground.
5)
All voltages are referenced to ground.
6)
VTL, VTH are a function of the internal supply voltage.
7)
Voltage below which, during a falling edge on IO, a logic 0 is detected.
8)
The voltage on IO needs to be less or equal to VILMAX whenever the master drives the line low.


Similar Part No. - DS1921H

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1921H DALLAS-DS1921H Datasheet
490Kb / 45P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H Datasheet
838Kb / 45P
   High-Resolution Thermochron iButton
Rev 12/11
DS1921H MAXIM-DS1921H Datasheet
1Mb / 45P
   High-Resolution Thermochron® iButton® Range H: 15°C to 46°C, Z: -5°C to 26°C
Rev 3/12
logo
Dallas Semiconductor
DS1921H-F5 DALLAS-DS1921H-F5 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
DS1921H-F5 DALLAS-DS1921H-F5 Datasheet
382Kb / 40P
   Thermochron iButton
More results

Similar Description - DS1921H

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1921H DALLAS-DS1921H_1 Datasheet
490Kb / 45P
   High-Resolution Thermochron iButton
DS1921 DALLAS-DS1921 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H_11 Datasheet
838Kb / 45P
   High-Resolution Thermochron iButton
Rev 12/11
DS1921H MAXIM-DS1921H_V01 Datasheet
729Kb / 45P
   High-Resolution Thermochron iButton Devices
2013
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
   Thermochron iButton
Rev 6; 3/12
logo
Dallas Semiconductor
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_V01 Datasheet
454Kb / 42P
   Thermochron iButton Device
2015
logo
Dallas Semiconductor
DS1921L-F5X DALLAS-DS1921L-F5X Datasheet
382Kb / 40P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G Datasheet
468Kb / 42P
   Thermochron iButton
19-5101; Rev 3; 4/10
DS1921G_1109 MAXIM-DS1921G_1109 Datasheet
472Kb / 42P
   Thermochron iButton
Rev 5; 9/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com