Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1921G Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # DS1921G
Description  Thermochron iButton
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1921G Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button DS1921G Datasheet HTML 16Page - Maxim Integrated Products DS1921G Datasheet HTML 17Page - Maxim Integrated Products DS1921G Datasheet HTML 18Page - Maxim Integrated Products DS1921G Datasheet HTML 19Page - Maxim Integrated Products DS1921G Datasheet HTML 20Page - Maxim Integrated Products DS1921G Datasheet HTML 21Page - Maxim Integrated Products DS1921G Datasheet HTML 22Page - Maxim Integrated Products DS1921G Datasheet HTML 23Page - Maxim Integrated Products DS1921G Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
write command was not recognized by the device. If
everything went correctly, both flags are cleared and
the ending offset indicates the address of the last byte
written to the scratchpad. Now the master can continue
verifying every data bit. After the master has verified the
data, it has to send the Copy Scratchpad command.
This command must be followed exactly by the data of
the three address registers TA1, TA2, and E/S as the
master has read them verifying the scratchpad. As
soon as the DS1921G has received these bytes, it
copies the data to the requested location beginning at
the target address.
Memory/Control Function
Commands
The
Memory/Control Function Flowchart (Figure 10)
describes the protocols necessary for accessing the
memory and the special function registers of the
DS1921G. An example on how to use these and other
functions to set up the DS1921G for a mission is includ-
ed in the
Mission Example: Prepare and Start a New
Mission section. The communication between master
and DS1921G takes place either at standard speed
(default, OD = 0) or at overdrive speed (OD = 1). If not
explicitly set into the overdrive mode, the DS1921G
assumes standard speed. Internal memory access dur-
ing a mission has priority over external access through
the 1-Wire interface. This affects the read memory com-
mands described below. See the
Memory Access
Conflicts section for details.
Write Scratchpad [0Fh]
After issuing the Write Scratchpad command, the mas-
ter must first provide the 2-byte target address, fol-
lowed by the data to be written to the scratchpad. The
data is written to the scratchpad starting at the byte off-
set T[4:0]. The ending offset E[4:0] is the byte offset at
which the master stops writing data. Only full data
bytes are accepted. If the last data byte is incomplete,
its content is ignored and the partial byte flag (PF) is
set.
When executing the Write Scratchpad command, the
CRC generator inside the DS1921G (see Figure 16) cal-
culates a CRC of the entire data stream, starting at the
command code and ending at the last data byte sent
by the master. This CRC is generated using the CRC-
16 polynomial by first clearing the CRC generator and
then shifting in the command code (0Fh) of the Write
Scratchpad command, the target addresses TA1 and
TA2 as supplied by the master, and all the data bytes.
The master can end the Write Scratchpad command at
any time. However, if the ending offset is 11111b, the
master can send 16 read time slots and receive an
inverted CRC-16 generated by the DS1921G.
Note: The range 200h to 213h of the register page is
protected during a mission. See Figure 6 for the
access type of the individual registers between and
during missions.
Thermochron iButton
20
______________________________________________________________________________________
BIT NUMBER
7
6
5
4
3
2
1
0
TARGET ADDRESS (TA1)
T7
T6
T5
T4
T3
T2
T1
T0
TARGET ADDRESS (TA2)
T15
T14
T13
T12
T11
T10
T9
T8
ENDING ADDRESS WITH
DATA STATUS (E/S)
(READ-ONLY)
AA
0
PF
E4
E3
E2
E1
E0
Figure 9. Address Registers


Similar Part No. - DS1921G

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G Datasheet
468Kb / 42P
   Thermochron iButton
19-5101; Rev 3; 4/10
DS1921G MAXIM-DS1921G Datasheet
675Kb / 42P
   Logs Up to 2048 Consecutive Temperature Thermochron iButton
Rev 4; 4/11
DS1921G MAXIM-DS1921G Datasheet
484Kb / 42P
   Thermochron iButton
Rev 6; 3/12
DS1921G-F5 MAXIM-DS1921G-F5 Datasheet
468Kb / 42P
   Thermochron iButton
19-5101; Rev 3; 4/10
More results

Similar Description - DS1921G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
   Thermochron iButton
Rev 6; 3/12
logo
Dallas Semiconductor
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_V01 Datasheet
454Kb / 42P
   Thermochron iButton Device
2015
logo
Dallas Semiconductor
DS1921L-F5X DALLAS-DS1921L-F5X Datasheet
382Kb / 40P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G Datasheet
468Kb / 42P
   Thermochron iButton
19-5101; Rev 3; 4/10
logo
Dallas Semiconductor
DS1921H DALLAS-DS1921H_1 Datasheet
490Kb / 45P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921K MAXIM-DS1921K Datasheet
75Kb / 3P
   Thermochron iButton Starter Kit
4/09
DS1921H MAXIM-DS1921H Datasheet
452Kb / 45P
   High-Resolution Thermochron iButton
Rev 8/09
logo
Dallas Semiconductor
DS1921 DALLAS-DS1921 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H_11 Datasheet
838Kb / 45P
   High-Resolution Thermochron iButton
Rev 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com