Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1921G_1109 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1921G_1109
Description  Thermochron iButton
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1921G_1109 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1921G_1109 Datasheet HTML 1Page - Maxim Integrated Products DS1921G_1109 Datasheet HTML 2Page - Maxim Integrated Products DS1921G_1109 Datasheet HTML 3Page - Maxim Integrated Products DS1921G_1109 Datasheet HTML 4Page - Maxim Integrated Products DS1921G_1109 Datasheet HTML 5Page - Maxim Integrated Products DS1921G_1109 Datasheet HTML 6Page - Maxim Integrated Products DS1921G_1109 Datasheet HTML 7Page - Maxim Integrated Products DS1921G_1109 Datasheet HTML 8Page - Maxim Integrated Products DS1921G_1109 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
General Description
The DS1921G Thermochron® iButton® is a rugged, self-
sufficient system that measures temperature and records
the result in a protected memory section. The recording
is done at a user-defined rate, both as a direct storage of
temperature values as well as in the form of a histogram.
Up to 2048 temperature values taken at equidistant inter-
vals ranging from 1 to 255min can be stored. The his-
togram provides 63 data bins with a resolution of 2.0°C.
If the temperature leaves a user-programmable range,
the DS1921G also records when this happened, for how
long the temperature stayed outside the permitted range,
and if the temperature was too high or too low. An addi-
tional 512 bytes of read/write nonvolatile (NV) memory
allows storing information pertaining to the object to
which the DS1921G is associated. Data is transferred
serially through the 1-Wire® protocol, which requires only
a single data lead and a ground return. Every DS1921G
is factory lasered with a guaranteed unique, electrically
readable, 64-bit registration number that allows for abso-
lute traceability. The durable stainless steel package is
highly resistant to environmental hazards such as dirt,
moisture, and shock. Accessories permit the DS1921G
to be mounted on almost any object including contain-
ers, pallets, and bags.
Applications
Features
♦ Digital Thermometer Measures Temperature in
0.5°C Increments
♦ Accuracy ±1°C from -30°C to +70°C (See the
Electrical Characteristics for Accuracy
Specification)
♦ Built-In Real-Time Clock (RTC) and Timer Has
Accuracy of ±2 Minutes per Month from 0°C to +45°C
♦ Water Resistant or Waterproof if Placed Inside
DS9107 iButton Capsule (Exceeds Water
Resistant 3 ATM Requirements)
♦ Automatically Wakes Up and Measures Temperature
at User-Programmable Intervals from 1 Minute to
255 Minutes
♦ Logs Up to 2048 Consecutive Temperature
Measurements in Protected NV RAM
♦ Records a Long-Term Temperature Histogram
with 2.0°C Resolution
♦ Programmable Temperature High and
Temperature Low Alarm Trip Points
♦ Records Up to 24 Timestamps and Durations
When Temperature Leaves the Range Specified
by the Trip Points
♦ 512 Bytes of General-Purpose Read/Write NV RAM
♦ Communicates to Host with a Single Digital Signal
at 15.4kbps or 125kbps Using 1-Wire Protocol
Common iButton Features
♦ Digital Identification and Information by
Momentary Contact
♦ Unique, Factory-Lasered, and Tested 64-Bit
Registration Number (8-Bit Family Code + 48-Bit
Serial Number + 8-Bit CRC Tester) Assures
Absolute Traceability Because No Two Parts are
Alike
♦ Multidrop Controller for 1-Wire Net
♦ Chip-Based Data Carrier Compactly Stores Information
♦ Data Can Be Accessed While Affixed to Object
♦ Button Shape is Self-Aligning with Cup-Shaped
Probes
♦ Durable Stainless-Steel Case Engraved with
Registration Number Withstands Harsh
Environments
♦ Easily Affixed with Self-Stick Adhesive Backing,
Latched by Its Flange, or Locked with a Ring
Pressed Onto Its Rim
♦ Presence Detector Acknowledges When Reader
First Applies Voltage
♦ Meets UL 913, 5th Ed., Rev. 1997-02-24; Intrinsically
Safe Apparatus: Approved Under Entity Concept for
Use in Class I, Division 1, Group A, B, C, and D
Locations
Thermochron iButton
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-5101; Rev 5; 9/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
DS1921G-F5#
-40°C to +85°C
F5 iButton
DS1921G-F5N#
-40°C to +85°C
F5 iButton
Examples of Accessories
PART
ACCESSORY
DS9096P
Self-Stick Adhesive Pad
DS9101
Multipurpose Clip
DS9093RA
Mounting Lock Ring
DS9093A
Snap-In Fob
DS9092
iButton Probe
Pin Configuration appears at end of data sheet.
Thermochron, iButton, and 1-Wire are registered trademarks of
Maxim Integrated Products, Inc.
#Denotes a RoHS-compliant device that may include lead(Pb)
that is exempt under the RoHS requirements.
A NIST traceability certificate is available for the DS1921G-F5N.
See Application Note 4629 for details.
Temperature Logging in Cold Chain, Food Safety,
Pharmaceutical, and Medical Products


Similar Part No. - DS1921G_1109

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_11 Datasheet
675Kb / 42P
   Logs Up to 2048 Consecutive Temperature Thermochron iButton
Rev 4; 4/11
More results

Similar Description - DS1921G_1109

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
   Thermochron iButton
Rev 6; 3/12
logo
Dallas Semiconductor
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_V01 Datasheet
454Kb / 42P
   Thermochron iButton Device
2015
logo
Dallas Semiconductor
DS1921L-F5X DALLAS-DS1921L-F5X Datasheet
382Kb / 40P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G Datasheet
468Kb / 42P
   Thermochron iButton
19-5101; Rev 3; 4/10
logo
Dallas Semiconductor
DS1921H DALLAS-DS1921H_1 Datasheet
490Kb / 45P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921K MAXIM-DS1921K Datasheet
75Kb / 3P
   Thermochron iButton Starter Kit
4/09
DS1921H MAXIM-DS1921H Datasheet
452Kb / 45P
   High-Resolution Thermochron iButton
Rev 8/09
logo
Dallas Semiconductor
DS1921 DALLAS-DS1921 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H_11 Datasheet
838Kb / 45P
   High-Resolution Thermochron iButton
Rev 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com