Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1672 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1672
Description  I2C 32-Bit Binary Counter RTC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1672 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1672 Datasheet HTML 1Page - Maxim Integrated Products DS1672 Datasheet HTML 2Page - Maxim Integrated Products DS1672 Datasheet HTML 3Page - Maxim Integrated Products DS1672 Datasheet HTML 4Page - Maxim Integrated Products DS1672 Datasheet HTML 5Page - Maxim Integrated Products DS1672 Datasheet HTML 6Page - Maxim Integrated Products DS1672 Datasheet HTML 7Page - Maxim Integrated Products DS1672 Datasheet HTML 8Page - Maxim Integrated Products DS1672 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1 of 15
GENERAL DESCRIPTION
The DS1672 incorporates a 32-bit counter and
power-monitoring functions. The 32-bit counter
is designed to count seconds and can be used to
derive time-of-day, week, month, month, and
year by using a software algorithm. A precision,
temperature-compensated
reference
and
comparator circuit monitors the status of VCC.
When an out-of-tolerance condition occurs, an
internal power-fail signal is generated that forces
the reset to the active state. When VCC returns to
an in-tolerance condition, the reset signal is kept
in the active state for a period of time to allow
the power supply and processor to stabilize.
FEATURES
 32-Bit Counter
 I2C Serial Interface
 Automatic Power-Fail Detect and Switch
Circuitry
 Power-Fail Reset Output
 Low-Voltage Oscillator Operation
(1.3V min)
 Trickle-Charge Capability
 Underwriters Laboratories (UL) Recognized
 -40°C to +85°C Operating Range
PIN CONFIGURATION
.
TYPICAL OPERATING CIRCUIT
PDIP
SO
µSOP
TOP VIEW
1
2
3
4
8
7
6
5
VCC
RST
SCL
SDA
X1
X2
VBACKUP
GND
DS1672
DS1672
I
2C 32-Bit Binary Counter RTC
19-6032; Rev 9/11


Similar Part No. - DS1672

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1672 DALLAS-DS1672 Datasheet
104Kb / 13P
   Low Voltage Serial Timekeeping Chip
logo
Maxim Integrated Produc...
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
DS1672-2 MAXIM-DS1672-2 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
DS1672-3 MAXIM-DS1672-3 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
DS1672-33 MAXIM-DS1672-33 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
More results

Similar Description - DS1672

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
logo
Dallas Semiconductor
DS1371 DALLAS-DS1371_07 Datasheet
498Kb / 15P
   I2C, 32-Bit Binary Counter
logo
Maxim Integrated Produc...
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
DS1372 MAXIM-DS1372 Datasheet
167Kb / 12P
   I2C, 32-Bit, Binary Counter Clock with 64-Bit ID
Rev 0; 7/07
DS1371 MAXIM-DS1371 Datasheet
966Kb / 14P
   2-Wire, 32-Bit Binary Counter Watchdog Clock
logo
Hitachi Semiconductor
HD14040B HITACHI-HD14040B Datasheet
79Kb / 7P
   12-bit Binary Counter
logo
NXP Semiconductors
74F161A PHILIPS-74F161A Datasheet
111Kb / 14P
   4-bit binary counter
1996 Jan 29
logo
Hitachi Semiconductor
HD14020B HITACHI-HD14020B Datasheet
80Kb / 7P
   14-bit Binary Counter
logo
ON Semiconductor
SN74LS90 ONSEMI-SN74LS90 Datasheet
172Kb / 7P
   4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com