Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85402EVAL1Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL85402EVAL1Z
Description  2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85402EVAL1Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL85402EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 12Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 13Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ISL85402
10
FN7640.0
September 29, 2011
FIGURE 11. IC DIE TEMPERATURE UNDER +25°C AMBIENT
TEMPERATURE, STILL AIR, 500kHz, IO = 2.5A
FIGURE 12. SYNCHRONOUS BUCK MODE, VIN 36V, IO 2A,
ENABLE ON
FIGURE 13. SYNCHRONOUS BUCK MODE, VIN 36V, IO 2A,
ENABLE OFF
FIGURE 14. VIN 36V, PREBIASED START-UP
FIGURE 15. SYNCHRONOUS BUCK WITH FORCE PWM MODE,
VIN 36V, IO 2A
FIGURE 16. VIN 24V, 0 TO 2A STEP LOAD, FORCE PWM MODE
Performance Curves (Continued)
25
30
35
40
45
50
55
60
65
70
75
80
85
0
5
10
15
20
25
30
35
40
VIN (V)
VO = 12V
VO = 5V
VO = 20V
VOUT 2V/DIV
2ms/DIV
PHASE 20V/DIV
VOUT 2V/DIV
2ms/DIV
PHASE 20V/DIV
VOUT 2V/DIV
2ms/DIV
PHASE 20V/DIV
VOUT 20mV/DIV (5V OFFSET)
PHASE 20V/DIV
5µs/DIV
VOUT 100mV/DIV (5V OFFSET)
IOUT 1A/DIV
PHASE 20V/DIV
1ms/DIV


Similar Part No. - ISL85402EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85402EVAL1Z RENESAS-ISL85402EVAL1Z Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
More results

Similar Description - ISL85402EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85402 RENESAS-ISL85402 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
logo
Renesas Technology Corp
ISL78200 RENESAS-ISL78200 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85402IRZ-TK INTERSIL-ISL85402IRZ-TK Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200 INTERSIL-ISL78200 Datasheet
963Kb / 19P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85403 INTERSIL-ISL85403 Datasheet
966Kb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 13, 2015
logo
Renesas Technology Corp
ISL85403 RENESAS-ISL85403 Datasheet
1Mb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78201 RENESAS-ISL78201 Datasheet
1Mb / 23P
   40V 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL78201AVEZ INTERSIL-ISL78201AVEZ Datasheet
917Kb / 23P
   40V 2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 31, 2015
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com