Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85402EVAL1Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL85402EVAL1Z
Description  2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85402EVAL1Z Datasheet(HTML) 1 Page - Intersil Corporation

  ISL85402EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774 | Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
2.5A Regulator with Integrated High-Side MOSFET for
Synchronous Buck or Boost Buck Converter
ISL85402
The ISL85402 is a synchronous buck controller with a 125mΩ
high-side MOSFET and low-side driver integrated. The ISL85402
supports a wide input voltage range from 3V to 36V. Regarding the
output current capability from the thermal perspective, the
ISL85402 can typically support continuous load of 2.5A under
conditions of 5V VOUT, VIN range of 8V to 30V, 500kHz, +85°C
ambient temperature with still air. For any specific application, the
actual maximum output current depends upon the die temperature
not exceeding +125°C with the power dissipated in the IC, which is
related to input voltage, output voltage, duty cycle, switching
frequency, board layout and ambient temperature, etc. Refer to
“Output Current” on page 13 for more details.
The ISL85402 has flexible selection of operation modes of
forced PWM mode and PFM mode. In PFM mode, the
quiescent input current is as low as 180µA (AUXVCC connected
to VOUT). The load boundary between PFM and PWM can be
programmed to cover wide applications.
The low-side driver can be either used to drive an external low-side
MOSFET for a synchronous buck, or left unused for a standard
non-synchronous buck. The low-side driver can also be used to
drive a boost converter as a pre-regulator followed by a buck
controlled by the same IC, which greatly expands the operating
input voltage range down to 3V or lower (Refer to “Typical
Application Schematic III - Boost Buck Converter” on page 5).
The ISL85402 offers the most robust current protections. It
uses peak current mode control with cycle-by-cycle current
limiting. It is implemented with frequency foldback under
current limit condition; besides that, the hiccup overcurrent
mode is also implemented to guarantee reliable operations
under harsh short conditions.
The ISL85402 has comprehensive protections against various faults
including overvoltage and over-temperature protections, etc.
Features
• Ultra Wide Input Voltage Range 3V to 36V
• Optional Mode Operation
- Forced PWM Mode
- Selectable PFM with Programmable PFM/PWM Boundary
• 300µA IC Quiescent Current (PFM, No Load); 180µA Input
Quiescent Current (PFM, No Load, VOUT Connected to
AUXVCC)
• Less than 3µA Standby Input Current (IC Disabled)
• Operational Topologies
-Synchronous Buck
-Non-Synchronous Buck
- Two-Stage Boost Buck
• Programmable Frequency from 200kHz to 2.2MHz and
Frequency Synchronization Capability
±1% Tight Voltage Regulation Accuracy
• Reliable Overcurrent Protection
- Temperature Compensated Current Sense
- Cycle-by-Cycle Current Limiting with Frequency Foldback
- Hiccup Mode for Worst Case Short Condition
• 20 Ld 4x4 QFN Package
• Pb-Free (RoHS Compliant)
Applications
•General Purpose
• 24V Bus Power
•Battery Power
• Point of Load
• Embedded Processor and I/O Supplies
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. EFFICIENCY, SYNCHRONOUS BUCK, PFM MODE,
VOUT 5V, TA = +25°C
VOUT
ISL85402
VCC
SGND
MODE
BOOT
VIN
PHASE
PGND
FS
EXT_BOOST
EN
FB
COMP
VIN
AUXVCC
LGATE
ILIMIT
SS
SYNC
PGOOD
50
55
60
65
70
75
80
85
90
95
100
0.1m
1m
10m
100m
1.0
2.5
LOAD CURRENT (A)
6V VIN
12V VIN
24V VIN
36V VIN
September 29, 2011
FN7640.0


Similar Part No. - ISL85402EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85402EVAL1Z RENESAS-ISL85402EVAL1Z Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
More results

Similar Description - ISL85402EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85402 RENESAS-ISL85402 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
logo
Renesas Technology Corp
ISL78200 RENESAS-ISL78200 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85402IRZ-TK INTERSIL-ISL85402IRZ-TK Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200 INTERSIL-ISL78200 Datasheet
963Kb / 19P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85403 INTERSIL-ISL85403 Datasheet
966Kb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 13, 2015
logo
Renesas Technology Corp
ISL85403 RENESAS-ISL85403 Datasheet
1Mb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78201 RENESAS-ISL78201 Datasheet
1Mb / 23P
   40V 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL78201AVEZ INTERSIL-ISL78201AVEZ Datasheet
917Kb / 23P
   40V 2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 31, 2015
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com