Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL70218SRHMX Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL70218SRHMX
Description  Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70218SRHMX Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL70218SRHMX Datasheet HTML 4Page - Intersil Corporation ISL70218SRHMX Datasheet HTML 5Page - Intersil Corporation ISL70218SRHMX Datasheet HTML 6Page - Intersil Corporation ISL70218SRHMX Datasheet HTML 7Page - Intersil Corporation ISL70218SRHMX Datasheet HTML 8Page - Intersil Corporation ISL70218SRHMX Datasheet HTML 9Page - Intersil Corporation ISL70218SRHMX Datasheet HTML 10Page - Intersil Corporation ISL70218SRHMX Datasheet HTML 11Page - Intersil Corporation ISL70218SRHMX Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ISL70218SRH
8
FN7871.1
August 17, 2011
FIGURE 13. OPEN-LOOP GAIN, PHASE vs FREQUENCY, VS = ±15V
FIGURE 14. FREQUENCY RESPONSE vs CLOSED LOOP GAIN
FIGURE 15. GAIN vs FREQUENCY vs RL, VS = ±15V
FIGURE 16. GAIN vs FREQUENCY vs RL, VS = ±5V
FIGURE 17. GAIN vs FREQUENCY vs OUTPUT VOLTAGE
FIGURE 18. GAIN vs FREQUENCY vs SUPPLY VOLTAGE
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
1m
1
10 100 1k 10k 100k 1M 10M100M 1G
FREQUENCY (Hz)
0.1
VS = ±15V
RL = 1MΩ
0.01
GAIN
PHASE
-10
0
10
20
30
40
50
60
70
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ACL = 1
ACL = 10
ACL = 100
ACL = 1000
100
VS = ±5V & ±15V
CL = 4pF
VOUT = 100mVP-P
RL = 2k
RF = 10kΩ, RG = 100Ω
RF = 10kΩ, RG = 1kΩ
RF = 0, RG = ∞
RF = 10kΩ, RG = 10Ω
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100
VS = ±15V
AV = +1
VOUT = 100mVp-p
CL = 4pF
RL = 1k
RL = 499
RL = 100
RL = 49.9
RL = OPEN, 100k, 10k
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100
VS = ±5V
AV = +1
VOUT = 100mVp-p
CL = 4pF
RL = OPEN, 100k, 10k
RL = 1k
RL = 499
RL = 100
RL = 49.9
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100
VOUT = 1VP-P
VOUT = 500mVP-P
VOUT = 10mVP-P
VOUT = 50mVP-P
VOUT = 100mVP-P
VS = ±5V
AV = +1
RL = INF
CL = 4pF
FREQUENCY (Hz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100
1k
10k
100k
1M
10M
CL = 4pF
RL = 10k
AV = +1
VOUT = 100mVP-P
VS = ±15V
VS = ±1.5V
VS = ±5V


Similar Part No. - ISL70218SRHMX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70218SRHMX RENESAS-ISL70218SRHMX Datasheet
918Kb / 23P
   Radiation Hardened Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Jun 12, 2020
More results

Similar Description - ISL70218SRHMX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70218SEH INTERSIL-ISL70218SEH Datasheet
1Mb / 20P
   Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70218SEH RENESAS-ISL70218SEH Datasheet
918Kb / 23P
   Radiation Hardened Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Jun 12, 2020
ISL71218M RENESAS-ISL71218M Datasheet
2Mb / 29P
   Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifier
Jan 19, 2021
logo
STMicroelectronics
RHR61 STMICROELECTRONICS-RHR61 Datasheet
679Kb / 20P
   Rad-hard, low-power, rail-to-rail CMOS operational amplifiers
October 2017
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com