Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL62383 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL62383
Description  High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62383 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL62383 Datasheet HTML 1Page - Intersil Corporation ISL62383 Datasheet HTML 2Page - Intersil Corporation ISL62383 Datasheet HTML 3Page - Intersil Corporation ISL62383 Datasheet HTML 4Page - Intersil Corporation ISL62383 Datasheet HTML 5Page - Intersil Corporation ISL62383 Datasheet HTML 6Page - Intersil Corporation ISL62383 Datasheet HTML 7Page - Intersil Corporation ISL62383 Datasheet HTML 8Page - Intersil Corporation ISL62383 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
FN6665.5
May 13, 2011
Absolute Maximum Ratings
Thermal Information
VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +28V
VCC1,2, PGOOD1,2, LDO5 to GND. . . . . . . . . . . . . . -0.3V to +7.0V
EN1,2, LDO3EN . . . . . . . . . . . . . . . . . . -0.3V to GND, VCC1 + 0.3V
VOUT1,2, FB1,2, LDO3FB, FSET1,2 . . -0.3V to GND, VCC1 + 0.3V
PHASE1,2 to GND . . . . . . . . . . . . . . . . . . . . . . . (DC) -0.3V to +28V
(<100ns Pulse Width, 10µJ) . . . . . . . . . . . . . . . . . . . . . . . . . -5.0V
BOOT1,2 to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +33V
BOOT1,2 to PHASE1,2 . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +7V
UGATE1,2 . . . . . . . . . . . (DC) -0.3V to PHASE1,2, BOOT1,2 + 0.3V
(<200ns Pulse Width, 20µJ) . . . . . . . . . . . . . . . . . . . . . . . . -4.0V
LGATE1,2. . . . . . . . . . . . . . . . . . . (DC) -0.3V to GND, VCC1 + 0.3V
(<100ns Pulse Width, 4µJ) . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V
LDO3, LDO5 Output Continuous Current . . . . . . . . . . . . . . +100mA
Thermal Resistance (Typical, Notes 4, 5)
JA (°C/W) JC (°C/W)
32 Ld TQFN Package . . . . . . . . . . . . .
30
1.75
28 Ld TQFN Package . . . . . . . . . . . . .
37
3
Junction Temperature Range. . . . . . . . . . . . . . . . . .-55°C to +150
C
Operating Temperature Range . . . . . . . . . . . . . . . .-10
C to +100C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65
C to +150C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range. . . . . . . . . . . . . . . . . .-10°C to +100°C
Supply Voltage (VIN to GND) . . . . . . . . . . . . . . . . . . . . 5.5V to 25V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
These specifications apply for TA = -10°C to +100°C, unless otherwise noted. Typical values are at TA =+25°C,
VIN = 12V. Boldface limits apply over the operating temperature range, -10°C to +100°C.
PARAMETER
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
VIN
VIN Power-on Reset (POR)
Rising Threshold
5.3
5.4
5.5
V
Hysteresis
20
80
150
mV
VIN Shutdown Supply Current
EN1 = EN2 = GND or Floating, LDO3EN = GND
-
6
15
µA
VIN Standby Supply Current
EN1 = EN2 = GND or Floating, LDO3EN = VCC1
-
150
250
µA
LINEAR REGULATOR
LDO5 Output Voltage
I_LDO5 = 0
4.9
5.0
5.1
V
I_LDO5 = 100mA (Note 6)
4.9
5.0
5.1
V
LDO5 Short-Circuit Current (Note 6)
LDO5 = GND
-
190
-
mA
LDO5 UVLO Threshold Voltage (Note 6)
Rising edge of LDO5
-
4.35
-
V
Falling edge of LDO5
-
4.15
-
V
SMPS2 to LDO5 Switchover Threshold
4.63
4.80
4.93
V
SMPS2 to LDO5 Switchover Resistance (Note 6) VOUT2 to LDO5, VOUT2 = 5V
-
2.5
3.2
LDO3 Reference Voltage (Note 6)
-
1.2
-
V
LDO3 Voltage Regulation Range
LDO3IN > VLDO3+dropout
1.2
-
5
V
LDO3 Short-Circuit Current (Note 6)
LDO3 = GND
-
180
-
mA
LDO3EN Input Voltage
Rising edge
1.1
-
2.5
V
Falling edge
0.94
-
1.06
V
LDO3EN Input Leakage Current
LDO3EN = GND or VCC1
-1
1
µA
LDO3 Discharge ON-Resistance
LDO3EN = GND
-
36
60
VCC
VCC Input Bias Current (Note 6)
EN1 = EN2 = VCC1, FB1 = FB2 = 0.65V
-
2
-
mA
VCC1 Start-up Voltage
EN1 = EN2 = LDO3EN = GND
3.45
3.6
3.75
V
ISL62381, ISL62382, ISL62383, ISL62381C, ISL62382C, ISL62383C


Similar Part No. - ISL62383

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62383 INTERSIL-ISL62383 Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62383 RENESAS-ISL62383 Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62383C RENESAS-ISL62383C Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62383CHRTZ RENESAS-ISL62383CHRTZ Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62383HRTZ INTERSIL-ISL62383HRTZ Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
More results

Similar Description - ISL62383

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
   Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com