Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL23428TFRUZ-TK Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL23428TFRUZ-TK
Description  Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23428TFRUZ-TK Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL23428TFRUZ-TK Datasheet HTML 3Page - Intersil Corporation ISL23428TFRUZ-TK Datasheet HTML 4Page - Intersil Corporation ISL23428TFRUZ-TK Datasheet HTML 5Page - Intersil Corporation ISL23428TFRUZ-TK Datasheet HTML 6Page - Intersil Corporation ISL23428TFRUZ-TK Datasheet HTML 7Page - Intersil Corporation ISL23428TFRUZ-TK Datasheet HTML 8Page - Intersil Corporation ISL23428TFRUZ-TK Datasheet HTML 9Page - Intersil Corporation ISL23428TFRUZ-TK Datasheet HTML 10Page - Intersil Corporation ISL23428TFRUZ-TK Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ISL23428
7
FN7904.0
August 25, 2011
tDCP
Wiper Response Time
W option; CS rising edge to wiper new
position, from 10% to 90% of final value.
0.4
µs
U option; CS rising edge to wiper new
position, from 10% to 90% of final value.
1.5
µs
T option; CS rising edge to wiper new
position, from 10% to 90% of final value.
3.5
µs
tShdnRec
DCP Recall Time from Shutdown Mode
CS rising edge to wiper recalled position
and RH connection
1.5
µs
VCC, VLOGIC
Ramp
VCC ,VLOGIC Ramp Rate (Note 20)
Ramp monotonic at any level
0.01
50
V/ms
Serial Interface Specification For SCK, SDI, SDO, CS Unless Otherwise Noted.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 19)
TYP
(Note 7)
MAX
(Note 19)
UNITS
VIL
Input LOW Voltage
-0.3
0.3 x VLOGIC
V
VIH
Input HIGH Voltage
0.7 x VLOGIC
VLOGIC+ 0.3
V
Hysteresis
SDI and SCK Input Buffer
Hysteresis
VLOGIC > 2V
0.05 x VLOGIC
V
VLOGIC < 2V
0.1 x VLOGIC
V
VOL
SDO Output Buffer LOW Voltage
IOL = 3mA, VLOGIC > 2V
0
0.4
V
IOL = 1.5mA, VLOGIC < 2V
0.2 x VLOGIC
V
Rpu
SDO Pull-Up Resistor Off-Chip
Maximum is determined by
tRO and tFO with maximum
bus load Cb = 30pF,
fSCK =5MHz
1.5
kΩ
Cpin
SCK, SDO, SDI, CS Pin Capacitance
10
pF
fSCK
SCK Frequency
VLOGIC = 1.7V to 5.5V
5
MHz
VLOGIC = 1.2V to 1.6V
1
MHz
tCYC
SPI Clock Cycle Time
VLOGIC ≥ 1.7V
200
ns
tWH
SPI Clock High Time
VLOGIC ≥ 1.7V
100
ns
tWL
SPI Clock Low Time
VLOGIC ≥ 1.7V
100
ns
tLEAD
Lead Time
VLOGIC ≥ 1.7V
250
ns
tLAG
Lag Time
VLOGIC ≥ 1.7V
250
ns
tSU
SDI, SCK and CS Input Setup Time VLOGIC ≥ 1.7V
50
ns
tH
SDI, SCK and CS Input Hold Time
VLOGIC ≥ 1.7V
50
ns
tRI
SDI, SCK and CS Input Rise Time
VLOGIC ≥ 1.7V
10
ns
tFI
SDI, SCK and CS Input Fall Time
VLOGIC ≥ 1.7V
10
20
ns
tDIS
SDO Output Disable Time
VLOGIC ≥ 1.7V
0
100
ns
tSO
SDO Output Setup Time
VLOGIC ≥ 1.7V
50
ns
tV
SDO Output Valid Time
VLOGIC ≥ 1.7V
150
ns
tHO
SDO Output Hold Time
VLOGIC ≥ 1.7V
0
ns
Operating Specifications VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise stated.
Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 19)
TYP
(Note 7)
MAX
(Note 19)
UNITS


Similar Part No. - ISL23428TFRUZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23428TFRUZ-TK INTERSIL-ISL23428TFRUZ-TK Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23428TFRUZ-TK RENESAS-ISL23428TFRUZ-TK Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - ISL23428TFRUZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23328TFVZ INTERSIL-ISL23328TFVZ Datasheet
693Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 29, 2015
ISL23428TFVZ INTERSIL-ISL23428TFVZ Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23328 RENESAS-ISL23328 Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 RENESAS-ISL23428 Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23328 INTERSIL-ISL23328 Datasheet
779Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23348 RENESAS-ISL23348 Datasheet
1Mb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 24, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com