Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL26132AVZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL26132AVZ-T
Description  Low-Noise 24-bit Delta Sigma ADC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL26132AVZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL26132AVZ-T Datasheet HTML 1Page - Intersil Corporation ISL26132AVZ-T Datasheet HTML 2Page - Intersil Corporation ISL26132AVZ-T Datasheet HTML 3Page - Intersil Corporation ISL26132AVZ-T Datasheet HTML 4Page - Intersil Corporation ISL26132AVZ-T Datasheet HTML 5Page - Intersil Corporation ISL26132AVZ-T Datasheet HTML 6Page - Intersil Corporation ISL26132AVZ-T Datasheet HTML 7Page - Intersil Corporation ISL26132AVZ-T Datasheet HTML 8Page - Intersil Corporation ISL26132AVZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ISL26132, ISL26134
5
FN6954.1
September 9, 2011
Absolute Maximum Ratings
Thermal Information
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
Analog In to AGND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to AVDD+0.3V
Digital In to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3 to DVDD+0.3V
Input Current
Momentary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . . . . . . . . . .7.5kV
Machine Model (Per JESD22-A115). . . . . . . . . . . . . . . . . . . . . . . . . . 450V
Charged Device Model (Per JESD22-C101) . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Latch-up (Per JEDEC JESD-78B; Class 2, Level A)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA @ Room and Hot (+105°C)
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
24 Ld TSSOP (Notes 4, 5) . . . . . . . . . . . . . .
65
18
28 Ld TSSOP (Notes 4, 5) . . . . . . . . . . . . . .
63
18
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80mW
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.75V to 5.25V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.25V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications VREF+ = 5V, VREF- = 0V, AVDD = 5V, DVDD = 5V, AGND = DGND = 0V, MCLK = 4.9152MHz, and
TA = -40°C to +105°C, unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +105°C
SYMBOL
PARAMETER
TEST LEVEL or NOTES
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
ANALOG INPUTS
Differential Input Voltage Range
±0.5VREF/
Gain
V
Common Mode Input Voltage
Range
Gain = 1, 2
AGND - 0.1
AVDD + 0.1
V
Gain = 64, 128
AGND+1.5
AVDD - 1.5
V
Differential Input Current
Gain = 1
±20
nA
Gain = 2
±40
nA
Gain = 64, 128
±1
nA
SYSTEM PERFORMANCE
Resolution
No Missing Codes
24
Bits
Data Rate
Internal Osc. SPEED = High
80
SPS
Internal Osc. SPEED = Low
10
SPS
External Osc. SPEED = High
fCLK/61440
SPS
External Osc. SPEED = Low
fCLK/49152
0
SPS
Digital Filter Settling Time
Full Setting
4
Conversions
INL
Integral Nonlinearity
Differential Input Gain = 1, 2
±0.0002
±0.001
% of FSR (Note 7)
Differential Input Gain = 64, 128
±0.0004
% of FSR
(Note 7)
Input Offset Error
Gain = 1
±0.4
ppm of FS
Gain = 128
±1.5
ppm of FS
Input Offset Drift
Gain = 1
0.3
µV/
°C
Gain = 128
10
nV/°C
Gain Error (Note 8)
Gain = 1
±0.007
±0.02
%
Gain = 128
±0.02
%
Gain Drift
Gain = 1
0.5
ppm/
°C
Gain = 128
7
ppm/
°C


Similar Part No. - ISL26132AVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL26132AVZ-T INTERSIL-ISL26132AVZ-T Datasheet
739Kb / 23P
   Low-Noise 24-bit Delta Sigma ADC
November 20, 2014
logo
Renesas Technology Corp
ISL26132AVZ-T RENESAS-ISL26132AVZ-T Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26132AVZ-T7A INTERSIL-ISL26132AVZ-T7A Datasheet
739Kb / 23P
   Low-Noise 24-bit Delta Sigma ADC
November 20, 2014
logo
Renesas Technology Corp
ISL26132AVZ-T7A RENESAS-ISL26132AVZ-T7A Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
More results

Similar Description - ISL26132AVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Renesas Technology Corp
ISL26132 RENESAS-ISL26132 Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
logo
Renesas Technology Corp
ISL26102 RENESAS-ISL26102 Datasheet
1Mb / 21P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26132AVZ INTERSIL-ISL26132AVZ Datasheet
739Kb / 23P
   Low-Noise 24-bit Delta Sigma ADC
November 20, 2014
logo
Analog Devices
AD7731 AD-AD7731_15 Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731BRUZ AD-AD7731BRUZ Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731 AD-AD7731 Datasheet
411Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. 0
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com