Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL61862BIRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL61862BIRZ
Description  USB Port Power Supply Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL61862BIRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL61862BIRZ Datasheet HTML 4Page - Intersil Corporation ISL61862BIRZ Datasheet HTML 5Page - Intersil Corporation ISL61862BIRZ Datasheet HTML 6Page - Intersil Corporation ISL61862BIRZ Datasheet HTML 7Page - Intersil Corporation ISL61862BIRZ Datasheet HTML 8Page - Intersil Corporation ISL61862BIRZ Datasheet HTML 9Page - Intersil Corporation ISL61862BIRZ Datasheet HTML 10Page - Intersil Corporation ISL61862BIRZ Datasheet HTML 11Page - Intersil Corporation ISL61862BIRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ISL6186
8
FN7698.1
September 1, 2011
Functional Description
Power On Reset (POR)
The ISL6186 POR feature inhibits device functionality when VIN
<VUVLO.
Reverse Polarity Protection
In any event in which the power switch is disabled or powered
down, and VOUT > VIN, there will be no output to input current
flow, nor will the output voltage appear on the input.
Soft-Start
Upon enable, the voltage on the VOUT pin will ramp up according
to the equation: ILIM/COUT (V/s). Resistive or active load will slow
the VOUT ramp-up toward the top of its curve.
Fault Blanking On Start-Up
During initial turn-on, the ISL6186 prevents nuisance faults being
reported to the system controller by blanking the fault signal until
the internal FET is fully enhanced.
Current Trip and Limiting Levels
The ISL6186 provides integrated current sensing in the MOSFET,
which allows for rapid control of OC events. Once an OC condition
is detected, the ISL6186 goes into its current limiting (CL) control
mode. The ISL6186 is variant specified to allow a continuous
current (ICONT) operation of 1.5A, 3A or 3.6A. As the current
increases past its continuous current rating, it will reach a level
that causes the device to enter its current limit mode; that is, the
current trip level. The current trip level is in all cases adequately
above the ICONT rating so as not to cause unintended false faults.
The current limit is specified at VOUT = VIN - 1V to test a known
representative condition and is featured at a nominal value
slightly higher than the continuous current rating. The speed of
this current limiting control is inversely related to the magnitude
of the OC fault. Thus, a hard overcurrent is more quickly pulled to
its limiting value than a marginal OC condition.
Over-Temperature Shutdown
Although the ISL6186 has an over-temperature shutdown and
lockout feature because of the 12ms timed shutdown, the
thermal shutdown is likely only to be invoked in extremely high
ambient temperatures. FAULT does not respond to OT events.
The over- temperature protection invokes and disables the switch
turn-on operation. Once the die temperature is ~+140°C, it will
turn off an already on switch at ~+150°C and releases the part
to operation once the die temperature falls to ~+120°C.
Turn-off Time Delay
During operation, once an OC condition is detected, the output
is current limited for ~12ms to allow transient OC conditions to
pass. If still in current limit and after the current limit period
has elapsed, the output is then turned off, and the fault is
reported by pulling the FAULT output low. The internal 12ms
timer starts upon current limiting and is independent of ambient
or IC thermal conditions, thus providing more consistent
operation over the entire temperature range.
Latch-off Restart/Auto-Restart Start
After turn-off, with the latch-off options, both the output and the
FAULT signal are latched low until reset by the enable signal
being de-asserted, at which time the FAULT signal will clear and
the IC is ready for enable to assert. On the auto-restart options,
the ISL6186 will attempt to periodically turn on the output at
approximately 1s intervals as long as the enable is asserted. If
the OC condition remains indefinitely, so will the fault indication
and the restart attempts, until such time as the thermal
protection feature is invoked, thus increasing the restart period.
Power-Good Output
This feature is an active low, open-drain, power-good indicator
that asserts after VOUT/VIN>90% and de-asserts when VOUT/VIN
< 85%. It immediately de-asserts upon the IC being disabled.
Active Output Pull-down
Another ISL6186 feature is the 10k
Ω active pull-down on the
outputs to <60mV above GND when the device is disabled, thus
ensuring discharge of the load.
Typical Performance Curves
FIGURE 3. SWITCH ON-RESISTANCE AT 0.5A
FIGURE 4. NORMALIZED SWITCH RESISTANCE
85
80
75
70
65
60
55
50
45
40
35
-40
-25
0
254575
85
115
TEMPERATURE (°C)
VIN = 2.5V
VIN = 3.3V
VIN = 5V
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-40
-25
0
254575
85
115
TEMPERATURE (°C)


Similar Part No. - ISL61862BIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL61862BCRZ RENESAS-ISL61862BCRZ Datasheet
873Kb / 18P
   USB Port Power Supply Controller
More results

Similar Description - ISL61862BIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com