Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL23328WFRUZ-TK Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL23328WFRUZ-TK
Description  Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23328WFRUZ-TK Datasheet(HTML) 2 Page - Intersil Corporation

  ISL23328WFRUZ-TK Datasheet HTML 1Page - Intersil Corporation ISL23328WFRUZ-TK Datasheet HTML 2Page - Intersil Corporation ISL23328WFRUZ-TK Datasheet HTML 3Page - Intersil Corporation ISL23328WFRUZ-TK Datasheet HTML 4Page - Intersil Corporation ISL23328WFRUZ-TK Datasheet HTML 5Page - Intersil Corporation ISL23328WFRUZ-TK Datasheet HTML 6Page - Intersil Corporation ISL23328WFRUZ-TK Datasheet HTML 7Page - Intersil Corporation ISL23328WFRUZ-TK Datasheet HTML 8Page - Intersil Corporation ISL23328WFRUZ-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ISL23328
2
FN7902.0
August 19, 2011
Block Diagram
POWER UP
INTERFACE,
CONTROL
AND
STATUS
LOGIC
I/O
BLOCK
VCC
GND
SCL
SDA
A0
A1
RH0
RL0
RW0
RH1
RL1
RW1
WR0
VOLATILE
REGISTER
AND
WIPER
CONTROL
CIRCUITRY
WR1
VOLATILE
REGISTER
AND
WIPER
CONTROL
CIRCUITRY
A2
VLOGIC
LEVEL
SHIFTER
Pin Configurations
ISL23328
(14 LD TSSOP)
TOP VIEW
ISL23328
(16 LD UTQFN)
TOP VIEW
SDA
VLOGIC
A0
VCC
SCL
GND
RL1
RW1
RH1
A1
RL0
A2
RH0
RW0
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RH1
RW1
A1
RW0
SCL
RH0
SDA
A0
1
3
4
2
12
10
9
11
Pin Descriptions
TSSOP
UTQFN
SYMBOL
DESCRIPTION
1
6, 15
GND
Ground pin
216
VLOGIC
I2C bus/logic supply. Range 1.2V to
5.5V
3
1
SDA
Logic Pin - Serial bus data
input/open drain output
4
2
SCL
Logic Pin - Serial bus clock input
5
3
A0
Logic Pin - Hardwire slave address
pin for I2C serial bus.
Range: VLOGIC or GND
6
4
A1
Logic Pin - Hardwire slave address
pin for I2C serial bus.
Range: VLOGIC or GND
7
5
A2
Logic Pin - Hardwire slave address
pin for I2C serial bus.
Range: VLOGIC or GND
8
8
RL1
DCP1 “low” terminal
9
9
RW1
DCP1 wiper terminal
10
10
RH1
DCP1 “high” terminal
11
11
RH0
DCP0 “high” terminal
12
12
RW0
DCP0 wiper terminal
13
13
RL0
DCP0 “low” terminal
14
14
VCC
Analog power supply.
Range 1.7V to 5.5V
7NC
Not Connected


Similar Part No. - ISL23328WFRUZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23328WFRUZ-TK INTERSIL-ISL23328WFRUZ-TK Datasheet
693Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 29, 2015
logo
Renesas Technology Corp
ISL23328WFRUZ-TK RENESAS-ISL23328WFRUZ-TK Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - ISL23328WFRUZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23428 INTERSIL-ISL23428 Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23328TFVZ INTERSIL-ISL23328TFVZ Datasheet
693Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 29, 2015
ISL23428TFVZ INTERSIL-ISL23428TFVZ Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23328 RENESAS-ISL23328 Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 RENESAS-ISL23428 Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23348 RENESAS-ISL23348 Datasheet
1Mb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 24, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com