Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL706CRHVX Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL706CRHVX
Description  Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL706CRHVX Datasheet(HTML) 2 Page - Intersil Corporation

  ISL706CRHVX Datasheet HTML 1Page - Intersil Corporation ISL706CRHVX Datasheet HTML 2Page - Intersil Corporation ISL706CRHVX Datasheet HTML 3Page - Intersil Corporation ISL706CRHVX Datasheet HTML 4Page - Intersil Corporation ISL706CRHVX Datasheet HTML 5Page - Intersil Corporation ISL706CRHVX Datasheet HTML 6Page - Intersil Corporation ISL706CRHVX Datasheet HTML 7Page - Intersil Corporation ISL706CRHVX Datasheet HTML 8Page - Intersil Corporation ISL706CRHVX Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ISL705ARH, ISL705BRH, ISL705CRH, ISL706ARH, ISL706BRH, ISL706CRH
2
FN7662.0
September 15, 2011
Pin Configurations
ISL705ARH, ISL706ARH
(8 LD FLATPACK)
TOP VIEW
ISL705BRH, ISL706BRH
(8 LD FLATPACK)
TOP VIEW
ISL705CRH, ISL706CRH
(8 LD FLATPACK)
TOP VIEW
1
2
3
4
8
7
6
5
V
DD
GND
PFI
WDO
RST
WDI
PFO
MR
1
2
3
4
8
7
6
5
V
DD
GND
PFI
WDO
RST
WDI
PFO
MR
1
2
3
4
8
7
6
5
V
DD
GND
PFI
WDO
RST_OD
WDI
PFO
MR
Pin Descriptions
ISL705ARH
ISL706ARH
ISL705BRH
ISL706BRH
ISL705CRH
ISL706CRH
NAME
DESCRIPTION
11
1
MR
Manual Reset. MR is an active-low, debounced, TTL/CMOS compatible input that may
be used to trigger a reset pulse.
22
2
VDD
Power Supply. VDD is a supply voltage input that provides power to all internal circuitry.
This input is also monitored and used to trigger a reset pulse. Reset is guaranteed
operable after VDD rises above 1.2V.
33
3
GND
Ground. GND is a supply voltage return for all internal circuitry. This return establishes
the reference level for voltage detection and should be connected to signal ground.
44
4
PFI
Power Fail Input. PFI is an input to a threshold detector, which may be used to monitor
another supply voltage level. The threshold of the detector (VPFI) is 1.25V in the
ISL705ARH/BRH/CRH and 0.6V in the ISL706ARH/BRH/CRH.
55
5
PFO
Power Fail Output. PFO is an active-low, push-pull output of a threshold detector that
indicates the voltage at the PFI pin is less than VPFI.
66
6
WDI
Watchdog Input. WDI is a tri-state input that monitors microprocessor activity. If the
microprocessor does not toggle WDI within 1.6s and WDI is not tri-stated, WDO goes
low. As long as reset is asserted or WDI is tri-stated, the watchdog timer will stay cleared
and will not count. As soon as reset is released and WDI is driven high or low, the timer
will start counting. Floating WDI or connecting WDI to a high impedance tri-state buffer
disables the watchdog feature.
7-
-
RST
Reset. RST is an active-low, push-pull output that is guaranteed to be low once VDD
reaches 1.2V. As VDD rises, RST stays low. When VDD rises above a 4.65V
(ISL705ARH/BRH/CRH) or 3.08V (ISL706ARH/BRH/CRH) reset threshold, an internal
timer releases RST after about 200ms. RST pulses low whenever VDD goes below the
reset threshold. If a brownout condition occurs in the middle of a previously initiated
reset pulse, the pulse will continue for at least 140ms. On power-down, once VDD falls
below the reset threshold, RST goes low and is guaranteed low until VDD drops below
1.2V.
-7
-
RST
Reset. RST is an active-high, push-pull output. RST is the inverse of RST.
--
7
RST_OD
Reset. RST_OD is an active-low, open-drain output that goes low when reset is asserted.
This pin may be pulled up to VDD with a resistor consistent with the sink and leakage
current specifications of the output. Behavior is otherwise identical to the RST pin.
88
8
WDO
Watchdog Output. WDO is an active-low, push-pull output that goes low if the
microprocessor does not toggle WDI within 1.6s and WDI is not tri-stated. WDO is
usually connected to the non-maskable interrupt input of a microprocessor. When VDD
drops below the reset threshold, WDO will go low whether or not the watchdog timer
has timed out. Reset is simultaneously asserted, thus preventing an interrupt. Since
floating WDI disables the internal timer, WDO goes low only when VDD drops below the
reset threshold, thus functioning as a low line output.


Similar Part No. - ISL706CRHVX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL706CRHF INTERSIL-ISL706CRHF Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL706CRHF/PROTO INTERSIL-ISL706CRHF/PROTO Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL706CRHX INTERSIL-ISL706CRHX Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL706CRHX/SAMPLE INTERSIL-ISL706CRHX/SAMPLE Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
More results

Similar Description - ISL706CRHVX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL705AEH INTERSIL-ISL705AEH Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL705AEHVF INTERSIL-ISL705AEHVF Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V u-Processor Supervisory Circuits
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
ATMEL Corporation
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com