Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL706BRHX Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL706BRHX
Description  Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL706BRHX Datasheet(HTML) 5 Page - Intersil Corporation

  ISL706BRHX Datasheet HTML 1Page - Intersil Corporation ISL706BRHX Datasheet HTML 2Page - Intersil Corporation ISL706BRHX Datasheet HTML 3Page - Intersil Corporation ISL706BRHX Datasheet HTML 4Page - Intersil Corporation ISL706BRHX Datasheet HTML 5Page - Intersil Corporation ISL706BRHX Datasheet HTML 6Page - Intersil Corporation ISL706BRHX Datasheet HTML 7Page - Intersil Corporation ISL706BRHX Datasheet HTML 8Page - Intersil Corporation ISL706BRHX Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ISL705ARH, ISL705BRH, ISL705CRH, ISL706ARH, ISL706BRH, ISL706CRH
5
FN7662.0
September 15, 2011
Absolute Maximum Ratings
Thermal Information
Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.5V
Voltage on All Other Inputs . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD + 0.3V
ESD Rating
Human Body Model (Tested per MIL-PRF-883 3015.7). . . . . . . . . .3.0kV
Machine Model (Tested per JESD22-A115C) . . . . . . . . . . . . . . . . . . 300V
Charged Device Model (Tested per JESD22-C110D) . . . . . . . . . . . .1.0kV
Latch Up (Tested per JESD-78C) . . . . . . . . . . . . . . . . . . . . . . Class 2, Level A
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
Supply Voltage
ISL705ARH/BRH/CRH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.75V to 5.5V
ISL706ARH/BRH/CRH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.15V to 3.6V
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
8 Ld Flatpack Package (Notes 2, 3). . . . . .
140
15
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+175°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
2.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
3. For
θJC, the “case temp” location is the center of the package underside.
Electrical Specifications Unless otherwise specified VDD = 4.75V to 5.5V for the ISL705ARH/BRH/CRH, VDD = 3.15V to 3.6V for the
ISL706ARH/BRH/CRH TA = -55°C to +125°C. Boldface limits apply over the ambient operating temperature range, -55°C to +125°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 4)
TYP
(Note 5)
MAX
(Note 4) UNITS
POWER SUPPLY SECTION
VDD
Operating Supply Voltage (Note 6)
ISL705ARH/BRH/CRH
1.2
5
5.5
V
ISL706ARH/BRH/CRH
1.2
3.3
3.6
V
IDD
Operating Supply Current
ISL705ARH/BRH/CRH
530
µA
ISL706ARH/BRH/CRH
400
µA
RESET SECTION
VRST
Reset Threshold Voltage
ISL705ARH/BRH/CRH
4.50
4.65
4.75
V
ISL706ARH/BRH/CRH
3.00
3.08
3.15
V
VHYS
Reset Threshold Voltage Hysteresis
ISL705ARH/BRH/CRH
20
40
mV
ISL706ARH/BRH/CRH
20
30
mV
tRST
Reset Pulse Width
140
200
280
ms
VOUT
Reset Output Voltage
ISL705ARH/BRH, ISOURCE = 800µA
VDD - 1.5
V
ISL705ARH/BRH/CRH, ISINK = 3.2mA
0.4
V
ISL706ARH/BRH, ISOURCE = 500µA
0.8 x VDD
V
ISL706ARH/BRH/CRH, ISINK = 1.2mA
0.3
V
ISL70XARH/CRH, VDD = 1.2V, ISINK = 100µA
0.3
V
ISL70XBRH, VDD = 1.2V, ISOURCE = 4µA
0.9
V
ILEAK
Reset Output Leakage Current
ISL705CRH, VOUT = VDD
1
µA
ISL706CRH, VOUT = VDD
1
µA


Similar Part No. - ISL706BRHX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL706BRHX INTERSIL-ISL706BRHX Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL706BRHX/SAMPLE INTERSIL-ISL706BRHX/SAMPLE Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
More results

Similar Description - ISL706BRHX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL705AEH INTERSIL-ISL705AEH Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL705AEHVF INTERSIL-ISL705AEHVF Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V u-Processor Supervisory Circuits
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
ATMEL Corporation
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com