Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9305IRTHWCNLZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL9305IRTHWCNLZ-T
Description  3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9305IRTHWCNLZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL9305IRTHWCNLZ-T Datasheet HTML 4Page - Intersil Corporation ISL9305IRTHWCNLZ-T Datasheet HTML 5Page - Intersil Corporation ISL9305IRTHWCNLZ-T Datasheet HTML 6Page - Intersil Corporation ISL9305IRTHWCNLZ-T Datasheet HTML 7Page - Intersil Corporation ISL9305IRTHWCNLZ-T Datasheet HTML 8Page - Intersil Corporation ISL9305IRTHWCNLZ-T Datasheet HTML 9Page - Intersil Corporation ISL9305IRTHWCNLZ-T Datasheet HTML 10Page - Intersil Corporation ISL9305IRTHWCNLZ-T Datasheet HTML 11Page - Intersil Corporation ISL9305IRTHWCNLZ-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ISL9305H
8
FN7724.1
October 5, 2011
Undervoltage Lockout (UVLO)
An undervoltage lockout (UVLO) circuit is provided on ISL9305H. The
UVLO circuit block can prevent abnormal operation in the event that
the supply voltage is too low to guarantee proper operation. The
UVLO on VINDCD1 is set for a typical 2.2V with 100mV hysteresis.
VINLDO1 and VINLDO2 are set for a typical 1.4V with 50mV
hysteresis. When the input voltage is sensed to be lower than the
UVLO threshold, the related channel is disabled.
DCDPG (DCD Power-Good)
ISL9305H offers an open-drain Power-Good signal with
programmable delay time for monitoring the converters DCD1
and DCD2 output voltages status.
When both DCD1 and DCD2 are enabled and their output voltages
are within the power-good window, an internal power-good signal is
issued to turn off the open-drain MOSFET so the DCDPG pin voltage
can be externally pulled high after a programmed delay time. If
either DCD1 or DCD2 output voltages or both of them are not within
the power-good window, the DCDPG outputs an open-drain logic low
signal after the programmed delay time.
When there is only one DCD converter (either DCD1 or DCD2) is
enabled, then the DCDPG only indicates the status of this active
DCD converter. For example, if only DCD1 converter is enabled
and DCD2 converter is disabled, when DCD1 output is within the
power-good window, internal power-good signal will be issued to
turn off the open-drain MOSFET so the DCDPG pin voltage is
externally pulled high after the programmed delay time. If output
voltage of DCD1 is outside the power-good window, the DCDPG
outputs an open-drain logic low signal after the programmed
delay time. It is similar when only DCD2 is enabled and DCD1 is
disabled. When both converters are disabled, DCDPG always
outputs the open-drain logic low signal.
Low Dropout Operation
Both DCD1 and DCD2 converters feature the low dropout operation
to maximize the battery life. When the input voltage drops to a level
that the converter can no longer operate under switching regulation
to maintain the output voltage, the P-Channel MOSFET is completely
turned on (100% duty cycle). The dropout voltage under such a
condition is the product of the load current and the ON-resistance of
the P-Channel MOSFET. Minimum required input voltage VIN under
such condition is the sum of output voltage plus the voltage drop
across the inductor and the P-Channel MOSFET switch.
Active Output Voltage Discharge For
DCD1/DCD2
The ISL9305H offers a feature to actively discharge the output
voltage of DCD1 and DCD2 via an internal bleeding resistor
(typical 115Ω) when the channel is disabled. This feature is
enabled by default, but can be individually outputs can be
disabled through programming the control bit in
DCD_PARAMETER register.
Thermal Shutdown
The ISL9305H provides built-in thermal protection function with
thermal shutdown threshold temperature set at +155°C with
+25°C hysteresis (typical). When the die temperature is sensed
to reach +130°C, the regulator is completely shut down and as
the temperature is sensed to drop to +105°C (typical), the device
resumes normal operation starting from the soft-start.
I2C Compatible Interface
The ISL9305H offers an I2C compatible interface, using two pins:
SCLK for the serial clock and SDAT for serial data respectively.
According to the I2C specifications, a pull-up resistor is needed for
the clock and data signals to connect to a positive supply. When the
ISL9305 and the host use different supply voltages, the pull-up
resistors should be connected to the higher voltage rail.
Signal timing specifications should satisfy the standard I2C bus
specification. The maximum bit rate is 400kb/s and more details
regarding the I2C specifications can be found from Philips.
I2C Slave Address
The ISL9305H serves as a slave device and the 7-bit default chip
address is 1101000, as shown in Figure 4. According to the I2C
specifications, here the value of Bit 0 determines the direction of
the message (“0” means “write” and “1” means “read”).
I2C Protocol
Figures 5, 6, and 7 show three typical I2C-bus transaction protocols.
FIGURE 4. I2C SLAVE ADDRESS
1
R/W
1
0
1
0
0
0
BIT 2
BIT 3
BIT 0
BIT 1
BIT 6
BIT 7
BIT 4
BIT 5
MSB
LSB


Similar Part No. - ISL9305IRTHWCNLZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9305IRTHWCNLZ-T INTERSIL-ISL9305IRTHWCNLZ-T Datasheet
656Kb / 16P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
ISL9305IRTHWCNLZ-T INTERSIL-ISL9305IRTHWCNLZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
logo
Renesas Technology Corp
ISL9305IRTHWCNLZ-T RENESAS-ISL9305IRTHWCNLZ-T Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
More results

Similar Description - ISL9305IRTHWCNLZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9305IRTHAANLZ-T INTERSIL-ISL9305IRTHAANLZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
logo
Renesas Technology Corp
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
568Kb / 16P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
logo
Renesas Technology Corp
ISL9307 RENESAS-ISL9307 Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com