Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL705BRHF Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL705BRHF
Description  Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL705BRHF Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL705BRHF Datasheet HTML 5Page - Intersil Corporation ISL705BRHF Datasheet HTML 6Page - Intersil Corporation ISL705BRHF Datasheet HTML 7Page - Intersil Corporation ISL705BRHF Datasheet HTML 8Page - Intersil Corporation ISL705BRHF Datasheet HTML 9Page - Intersil Corporation ISL705BRHF Datasheet HTML 10Page - Intersil Corporation ISL705BRHF Datasheet HTML 11Page - Intersil Corporation ISL705BRHF Datasheet HTML 12Page - Intersil Corporation ISL705BRHF Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ISL705ARH, ISL705BRH, ISL705CRH, ISL706ARH, ISL706BRH, ISL706CRH
9
FN7662.0
September 15, 2011
Post Radiation Characteristics Unless otherwise specified, VDD = 4.75V to 5.5V for the ISL705ARH/BRH/CRH, VDD = 3.15V to 3.6V
for the ISL706ARH/BRH/CRH TA = +25°C. This data is parameter deltas post radiation exposure at a rate of 50 to 300rad(Si)/s. This data is intended to
show typical parameter shifts due to high dose radiation. These are not limits nor are they guaranteed.
SYMBOL
PARAMETER
CONDITIONS
0 - 25kRad
0 - 50kRad
0 - 75kRad 0 - 100kRad
UNITS
POWER SUPPLY SECTION
IDD
Operating Supply Current
ISL705ARH/BRH/CRH
-2
-2.44
-3.86
-4.88
µA
ISL706ARH/BRH/CRH
-4.79
-7.47
-6.93
-8.88
µA
RESET SECTION
VRST
Reset Threshold Voltage
ISL705ARH/BRH/CRH
-8.1
-13.1
-17.5
-18.1
mV
ISL706ARH/BRH/CRH
-1
-3.25
-5.38
-7.25
mV
VHYS
Reset Threshold Voltage
Hysteresis
ISL705ARH/BRH/CRH
-3.75
-1.9
-5
-3.12
mV
ISL706ARH/BRH/CRH
0.375
0.25
0.625
0.625
mV
tRST
Reset Pulse Width
-2.13
-2.18
-2.39
-2.35
ms
WATCHDOG SECTION
tWD
Watchdog Time-Out Period
-56
-72
-81
-80
ms
MANUAL RESET SECTION
tMD
Manual Reset (MR) to Reset
Out Delay
ISL705ARH/BRH/CRH
0.028
0.146
0.274
0.368
ns
ISL706ARH/BRH/CRH
0.305
0.605
0.793
0.956
ns
THRESHOLD DETECTOR SECTION
VPFI
Power Fail Input (PFI) Input
Threshold Voltage
ISL705ARH/BRH/CRH
0.94
0.31
0
-0.62
mV
ISL706ARH/BRH/CRH
-1.56
-2.5
-2.5
-2.5
mV
tRPFI
PFI Rising Threshold
Crossing to PFO Delay
ISL705ARH/BRH/CRH
-0.026
-0.047
-0.085
-0.068
µs
ISL706ARH/BRH/CRH
0.028
-0.058
0.11
-0.11
µs
tFPFI
PFI Falling Threshold
Crossing to PFO Delay
ISL705ARH/BRH/CRH
-0.397
-0.77
-1.17
-2.88
µs
ISL706ARH/BRH/CRH
-0.35
-0.782
-1.516
-2.087
µs


Similar Part No. - ISL705BRHF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL705BRHF INTERSIL-ISL705BRHF Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL705BRHF/PROTO INTERSIL-ISL705BRHF/PROTO Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
More results

Similar Description - ISL705BRHF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL705AEH INTERSIL-ISL705AEH Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL705AEHVF INTERSIL-ISL705AEHVF Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V u-Processor Supervisory Circuits
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
ATMEL Corporation
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com