Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9211B Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL9211B
Description  Charging System Safety Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9211B Datasheet(HTML) 4 Page - Intersil Corporation

  ISL9211B Datasheet HTML 1Page - Intersil Corporation ISL9211B Datasheet HTML 2Page - Intersil Corporation ISL9211B Datasheet HTML 3Page - Intersil Corporation ISL9211B Datasheet HTML 4Page - Intersil Corporation ISL9211B Datasheet HTML 5Page - Intersil Corporation ISL9211B Datasheet HTML 6Page - Intersil Corporation ISL9211B Datasheet HTML 7Page - Intersil Corporation ISL9211B Datasheet HTML 8Page - Intersil Corporation ISL9211B Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ISL9211B
4
FN7861.0
July 8, 2011
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 26V
Output and VB Pin (OUT, VB) (Note 4) . . . . . . . . . . . . . . . . . . . . . -0.3V to 8V
Other Pins (ILIM, FAULT, EN) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 5.5V
ESD Rating
Human Body Model (Tested per JESD22-A114F) . . . . . . . . . . . . . . . . 3kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . 200V
Latch Up (Tested per JESD78B; Class II, Level A) . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
8 Ld 2x2 µTDFN (Notes 5, 6). . . . . . . . . . . . .
98
37
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage, VIN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.3V to 24V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4. The maximum voltage rating for the VB pin under continuous operating conditions is 5.5V. All other pins are allowed to operate continuously at the
absolute maximum ratings.
5.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
6. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
POWER-ON RESET
VIN Threshold
VPOR
Rising
-
-
2.47
V
Falling
2.20
--
V
VIN Bias Current
IVIN
RLIM = 24.9k, EN = L
-
-
1000
µA
EN = H
-
80
-
µA
PROTECTIONS
Input OVP Protection
VOVP
5.6
5.8
6.0
V
Input OVP Hysteresis
-
100
-
mV
Input OVP Falling Threshold
5.55
--
V
Input OVP Response Time (Note 7)
--
1
µs
Overcurrent Protection
IOCP
VVB = 3V, RLIM = 24.9k
0.93
1.0
1.07
A
Maximum Output Current
IMAX
RLIM = 9.53k
-2.0
-
A
Overcurrent Protection Blanking Time
BTOCP
-2.0
-
µs
Battery Overvoltage Protection Threshold
VBOVP
4.25
4.34
4.40
V
Battery OVP Threshold Hysteresis
-30-
mV
Battery OVP Blanking Time
BTBOVP
-
180
-
µs
VB Pin Leakage Current
VVB = 4.34V
-
-
20
nA
Over-Temperature Protection Rising Threshold
-
150
-
°C
Over-Temperature Protection Falling Threshold
-
110
-
°C
LOGIC
EN Input Logic HIGH
1.5
--
V
EN Input Logic LOW
--
0.4
V
EN Internal Pull-down Resistor
-
200
-
k
FAULT Output Logic Low
Sink 5mA current
-
0.4
0.8
V


Similar Part No. - ISL9211B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9211B RENESAS-ISL9211B Datasheet
590Kb / 12P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9211B INTERSIL-ISL9211B Datasheet
380Kb / 12P
   Charging System Safety Circuit
November 4, 2014
ISL9211BIRU58XZ-T INTERSIL-ISL9211BIRU58XZ-T Datasheet
380Kb / 12P
   Charging System Safety Circuit
November 4, 2014
logo
Renesas Technology Corp
ISL9211BIRU58XZ-T RENESAS-ISL9211BIRU58XZ-T Datasheet
590Kb / 12P
   Charging System Safety Circuit
More results

Similar Description - ISL9211B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9209C INTERSIL-ISL9209C Datasheet
611Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9211A RENESAS-ISL9211A Datasheet
624Kb / 13P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
ISL9212B INTERSIL-ISL9212B Datasheet
534Kb / 11P
   Charging System Safety Circuit
ISL9209B INTERSIL-ISL9209B Datasheet
599Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9212B RENESAS-ISL9212B Datasheet
877Kb / 11P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212 INTERSIL-ISL9212 Datasheet
535Kb / 11P
   Charging System Safety Circuit
ISL9211A INTERSIL-ISL9211A Datasheet
385Kb / 12P
   Charging System Safety Circuit
ISL9209BIRZ INTERSIL-ISL9209BIRZ Datasheet
602Kb / 11P
   Charging System Safety Circuit
March 21, 2007
ISL9211BIRU58XZ-T INTERSIL-ISL9211BIRU58XZ-T Datasheet
380Kb / 12P
   Charging System Safety Circuit
November 4, 2014
ISL9211A INTERSIL-ISL9211A Datasheet
202Kb / 12P
   Charging System Safety Circuit
August 25, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com