Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL61861ACBZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL61861ACBZ
Description  USB Port Power Supply Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL61861ACBZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL61861ACBZ Datasheet HTML 2Page - Intersil Corporation ISL61861ACBZ Datasheet HTML 3Page - Intersil Corporation ISL61861ACBZ Datasheet HTML 4Page - Intersil Corporation ISL61861ACBZ Datasheet HTML 5Page - Intersil Corporation ISL61861ACBZ Datasheet HTML 6Page - Intersil Corporation ISL61861ACBZ Datasheet HTML 7Page - Intersil Corporation ISL61861ACBZ Datasheet HTML 8Page - Intersil Corporation ISL61861ACBZ Datasheet HTML 9Page - Intersil Corporation ISL61861ACBZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ISL6186
6
FN7698.1
September 1, 2011
ITRIP_5
Trip Current, VIN = 5V
ISL6186xA, B, E, F
1.7
2.5
3.3
A
ITRIP_5
ISL6186xC, D, G, H
3.0
3.9
4.5
A
ITRIP_5
ISL61863I, J, K, L (10 Ld DFN)
3.7
3.9
5.0
A
ITRIP_3
Trip Current, VIN = 3.3V
ISL6186xA, B, E, F
1.7
2.1
2.7
A
ITRIP_3
ISL6186xC, D, G, H
2.8
3.5
4.0
A
ITRIP_3
ISL61863I, J, K, L (10 Ld DFN)
3.5
3.9
4.3
A
ITRIP_2
Trip Current, VIN = 2.5V
ISL6186xA, B, E, F
-
1.8
-
A
ITRIP_2
ISL6186xC, D, G, H
-
3.2
-
A
ITRIP_2
ISL61863I, J, K, L (10 Ld DFN)
-
3.4
-
A
ILIM_5
Current Limit, VIN = 5V
ISL6186xA, B, E, F, VIN - VOUT = 1V
1.37
1.6
1.81
A
ILIM_5
ISL6186xC, D, G, H, VIN - VOUT = 1V
2.82
3.1
3.42
A
ILIM_5
ISL61863I, J, K, L, (10 Ld DFN) VIN - VOUT = 1V
3.24
3.6
4.00
A
ILIM_3
Current Limit, VIN = 3.3V
ISL6186xA, B, E, F, VIN - VOUT = 1V
1.35
1.5
1.77
A
ILIM_3
ISL6186xC, D, G, H, VIN - VOUT = 1V
2.72
3.0
3.35
A
ILIM_3
ISL61863I, J, K, L (10 Ld DFN), VIN - VOUT = 1V
3.22
3.5
3.95
A
ILIM_2
Current Limit, VIN = 2.5V
ISL6186xA, B, E, F, VIN - VOUT = 1V
1.30
1.5
1.70
A
ILIM_2
ISL6186xC, D, G, H, VIN - VOUT = 1V
2.55
2.9
3.14
A
ILIM_2
ISL61863I, J, K, L (10 Ld DFN), VIN - VOUT = 1V
3.07
3.3
3.75
A
Isc_5
Short Circuit Current, VIN = 5V
ISL6186xA, B, E, F, VOUT = 0V
1.45
2.0
2.35
A
Isc_5
ISL6186xC, D, G, H, VOUT = 0V
2.60
3.4
4.50
A
Isc_5
ISL61863I, J, K, L (10 Ld DFN), VOUT = 0V
2.48
3.5
5.00
A
Isc_3
Short Circuit Current, VIN = 3.3V
ISL6186XA, B, E, F, VOUT = 0V
0.95
1.2
1.50
A
Isc_3
ISL6186XC, D, G, H, VOUT = 0V
1.95
2.2
2.70
A
Isc_3
ISL61863I, J, K, L (10 Ld DFN), VOUT = 0V
2.00
2.5
3.00
A
Isc_2
Short Circuit Current, VIN = 2.5V
ISL6186xA, B, E, F, VOUT = 0V
-
1.1
-
A
Isc_2
ISL6186xC, D, G, H, VOUT = 0V
-
2.1
-
A
Isc_2
ISL61863I, J, K, L, (10 Ld DFN) VOUT = 0V
-
2.4
-
A
tsettIlim
OC to Limit Settling Time
VIN/RL = 2ILIM, CL = 10µF to within 10% of ILIM
-200
-
µs
tsettIlim_sev
Severe OC to Limit Settling Time
VIN/RL = 4ILIM, CL = 10µF to within 10% of ILIM
-30
-
µs
tCL
Current Limit Duration
IOUT = ILIM
9.2
12
15
ms
tRTY
Automatic Retry Period
0.80
1
1.35
s
I/O PARAMETERS
Vfault_lo
Fault Output Voltage
Fault IOUT = 10mA
-
-
0.45
V
Ifault
Fault Leakage
-5
-
µA
Venr_5
ENABLE/ENABLE Rising Threshold
VIN = 5V
1.5
1.8
2
V
Hys_Venr_5
EN/EN Threshold Hysteresis
VIN = 5V
65
140
175
mV
Venr_3
ENABLE/ENABLE Rising Threshold
VIN = 3.3V
1.0
1.3
1.6
V
Hys_Venr_3
EN/EN Threshold Hysteresis
VIN = 3.3V
30
80
120
mV
Venr_2
ENABLE/ENABLE Rising Threshold
VIN = 2.5V
0.95
1.1
1.3
V
Hys_Venr_2
EN/EN Threshold Hysteresis
VIN = 2.5V
10
70
110
mV
Electrical Specifications VIN = 5V, TA = TJ, Unless Otherwise Specified. Boldface limits apply over the operating temperature
range, 0°C to +75°C or -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS


Similar Part No. - ISL61861ACBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL61861ACBZ RENESAS-ISL61861ACBZ Datasheet
873Kb / 18P
   USB Port Power Supply Controller
More results

Similar Description - ISL61861ACBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com