Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS6821 Datasheet(PDF) 5 Page - MOSA ELECTRONICS

Part # MS6821
Description  4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6821 Datasheet(HTML) 5 Page - MOSA ELECTRONICS

  MS6821_1 Datasheet HTML 1Page - MOSA ELECTRONICS MS6821_1 Datasheet HTML 2Page - MOSA ELECTRONICS MS6821_1 Datasheet HTML 3Page - MOSA ELECTRONICS MS6821_1 Datasheet HTML 4Page - MOSA ELECTRONICS MS6821_1 Datasheet HTML 5Page - MOSA ELECTRONICS MS6821_1 Datasheet HTML 6Page - MOSA ELECTRONICS MS6821_1 Datasheet HTML 7Page - MOSA ELECTRONICS MS6821_1 Datasheet HTML 8Page - MOSA ELECTRONICS MS6821_1 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
MOSA
MS6821
4 Stereo inputs / 2W PA output integrated Audio DAC and Volume Control
REV 3
5/29
www.mosanalog.com
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Audio DAC Characteristics
(sampling rate=4fs, fs= 44.1kHz, f=1kHz)
Res
Resolution
-
-
16
bits
VFSDAC
Full scale output voltage of DAC
VFS=0.72 * VDD
VFS-1.5%
VFS
VFS+1.5%
V
CAP=1uF (200Hz)
66
-
PSRR
Power supply rejection ratio
CAP=10uF (200Hz)
67
-
dB
CS
Channel separation
88
dB
-
-67
-62
dB
THD+N
Total harmonic distortion plus
noise
DAC output, RL=1kΩ, VFS
-
0.0447
0.079
%
S/N
Signal-to-noise ratio
DAC output, RL=1kΩ, VFS
A-weighting
86
90
-
dB
BTL Mode, RL = 4Ω
THD+N = 0.33%
1.44
1.6
-
W
BTL Mode, RL = 8Ω
THD+N = 0.15 %
0.75
0.83
-
W
DACPo
Maximum output power
using DAC
SE Mode, RL = 32Ω
THD+N = 0.042%
41.4m
46m
-
W
3.3V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=3.3V, VSS=0V, f=1kHz; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
All devices are active, BTL
-
11.5
-
All devices are active, SE
-
8.5
-
DAC PD, BTL
-
9
-
DAC PD, SE
-
6
-
L-ch (R-ch) PD, BTL
DAC active
-
7.1
-
L-ch (R-ch) PD, SE
DAC active
-
5.6
-
IQ
Quiescent current
Only DAC is active
-
2.6
-
mA
AC Characteristics (Stereo input)
-
-67
60
dB
THD+N
Total harmonic distortion plus
Noise
SE mode, RL=32Ω, 35mW
-
0.0447
0.1
%
BTL Mode, RL = 4Ω
THD+N = 1%
-
0.8
-
W
BTL Mode, RL = 8Ω
THD+N = 1%
-
0.53
-
W
Po
Maximum output power
SE Mode, RL = 32Ω
THD+N = 0.1%
-
35m
-
W
Audio DAC Characteristics
(sampling rate=4fs, fs= 44.1kHz, f=1kHz)
-
-66
60
dB
THD+N
Total harmonic distortion plus
noise
DAC output, RL=1kΩ, VFS
-
0.05
0.1
%
BTL Mode, RL = 4Ω
THD+N = 0.25%
0.63
0.70
-
W
BTL Mode, RL = 8Ω
THD+N = 0.14 %
0.32
0.35
-
W
DACPo
Maximum output power
using DAC
SE Mode, RL = 32Ω
THD+N = 0.052%
18m
20m
-
W


Similar Part No. - MS6821_1

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6821G MOSA-MS6821G Datasheet
880Kb / 26P
   4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
MS6821TGTR MOSA-MS6821TGTR Datasheet
880Kb / 26P
   4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
MS6821TGU MOSA-MS6821TGU Datasheet
880Kb / 26P
   4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
More results

Similar Description - MS6821_1

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6821 MOSA-MS6821 Datasheet
880Kb / 26P
   4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
logo
Silan Microelectronics ...
SC7312 SILAN-SC7312 Datasheet
261Kb / 12P
   4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
SC7314 SILAN-SC7314 Datasheet
294Kb / 13P
   4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
logo
National Semiconductor ...
LM4921 NSC-LM4921 Datasheet
849Kb / 18P
   Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
   24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
   24-bit, 192kHz Stereo DAC with Volume Control
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
   24-bit, 192kHz Stereo DAC with Volume Control
WM8718 WOLFSON-WM8718_06 Datasheet
405Kb / 32P
   24 Bit Differential Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
   24-bit, 192kHz Stereo DAC with Volume Control
logo
Wolfson Microelectronic...
WM8718 WOLFSON-WM8718 Datasheet
284Kb / 27P
   24 BIT DIFFERENTIAL STEREO DAC WITH VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com