Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS6821 Datasheet(PDF) 26 Page - MOSA ELECTRONICS

Part # MS6821
Description  4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6821 Datasheet(HTML) 26 Page - MOSA ELECTRONICS

Back Button MS6821_1 Datasheet HTML 21Page - MOSA ELECTRONICS MS6821_1 Datasheet HTML 22Page - MOSA ELECTRONICS MS6821_1 Datasheet HTML 23Page - MOSA ELECTRONICS MS6821_1 Datasheet HTML 24Page - MOSA ELECTRONICS MS6821_1 Datasheet HTML 25Page - MOSA ELECTRONICS MS6821_1 Datasheet HTML 26Page - MOSA ELECTRONICS MS6821_1 Datasheet HTML 27Page - MOSA ELECTRONICS MS6821_1 Datasheet HTML 28Page - MOSA ELECTRONICS MS6821_1 Datasheet HTML 29Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
MOSA
MS6821
4 Stereo inputs / 2W PA output integrated Audio DAC and Volume Control
REV 3
26/29
www.mosanalog.com
TSSOP28 (Thermal Pad)
E
D
C
Detail A
L
θ
E1
A
A1
B
e
A2
y
D2
E2
L1
Dimension in mm
Dimension in inches
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
1.15
-
-
0.045
A1
0.00
-
0.10
0.000
-
0.004
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
-
0.30
0.007
-
0.012
C
0.09
-
0.20
0.004
-
0.008
D
9.60
9.70
9.80
0.378
0.382
0.386
D2
3.70
3.80
3.90
0.146
0.150
0.154
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.30
4.40
4.50
0.169
0.173
0.177
E2
2.70
2.80
2.90
0.106
0.110
0.114
e
-
0.65
-
-
0.026
-
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
0.90
1.00
1.10
0.035
0.039
0.043
θ
0
o
-
8
o
0
o
-
8
o
y
-
-
0.10
-
-
0.004


Similar Part No. - MS6821_1

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6821G MOSA-MS6821G Datasheet
880Kb / 26P
   4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
MS6821TGTR MOSA-MS6821TGTR Datasheet
880Kb / 26P
   4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
MS6821TGU MOSA-MS6821TGU Datasheet
880Kb / 26P
   4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
More results

Similar Description - MS6821_1

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6821 MOSA-MS6821 Datasheet
880Kb / 26P
   4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
logo
Silan Microelectronics ...
SC7312 SILAN-SC7312 Datasheet
261Kb / 12P
   4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
SC7314 SILAN-SC7314 Datasheet
294Kb / 13P
   4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
logo
National Semiconductor ...
LM4921 NSC-LM4921 Datasheet
849Kb / 18P
   Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
   24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
   24-bit, 192kHz Stereo DAC with Volume Control
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
   24-bit, 192kHz Stereo DAC with Volume Control
WM8718 WOLFSON-WM8718_06 Datasheet
405Kb / 32P
   24 Bit Differential Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
   24-bit, 192kHz Stereo DAC with Volume Control
logo
Wolfson Microelectronic...
WM8718 WOLFSON-WM8718 Datasheet
284Kb / 27P
   24 BIT DIFFERENTIAL STEREO DAC WITH VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com