Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOD1H3 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SOD1H3
Description  SURFACE MOUNT RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SOD1H3 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SOD1H3 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SOD1H3 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
FEATURES
◇ Glass passivated device
◇ Ideal for surface mounted applications
◇ Low leakage current
◇ Metallurgically bonded construction
◇ High temperature soldering:
250℃/10 seconds at terminals
MECHANICAL DATA
◇ Case:JEDEC SOD-123FL,molded plastic over
passivated chip
◇ Terminals:Solder Plated, solderable per
MIL-STD-750, Method 2026
◇ Polarity: Color band denotes cathode end
◇ Weight: 0.0008 ounces, 0.022 gram
◇ Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
ABSOLUTE RATINGS
SOD
1H1
SOD
1H3
SOD
1H4
SOD
1H5
SOD
1H6
SOD
1H7
SOD
1H8
H1
H3
H4
H5
H6
H7
H8
VRRM
50
200
300
400
600
800
1000
V
VRMS
35
140
210
280
420
560
700
V
VDC
50
200
300
400
600
800
1000
V
trr
ns
Tj
TSTG
NOTES:1.Pulse test:300ms pulse width,1% duty cycle.
2.Measured with IF=0.5A, IR=1A, Irr=0.25A.
µA
at rated DC blocking voltage @TA=125℃
10
200
VF
1.0
70
100
SURFACE MOUNT RECTIFIER
S
REVERSE VOLTAGE:
50 - 1000 V
CURRENT:
1.0 A
SOD - 123FL
Maximum recurrent peak reverse voltage
50
1.0
25
Maximum average forward
rectified current
TA=65℃
Peak forward surge current 8.3ms single
half-sine-wave superimposed
IFSM
UNITS
H2
A
1.3
1.7
V
BL
GALAXY ELECTRICAL
SOD1H1---SOD1H8
100
A
I(AV)
SOD
1H2
Maximum reverse recovery time (NOTE 2)
Maximum RMS voltage
Maximum DC blocking voltage
www.galaxycn.com
75
Operating temperature range
Storage temperature range
on rated load
TL=25℃
- 55 --- + 150
- 55 --- + 150
Maximum DC reverse current @TA=25℃
IR
Maximum instantaneous (NOTE 1)
forward voltage at 1.0A
BLGALAXYELECTRICAL
Document Number 0280093
1.
Device marking code
Dimensions in millimeters


Similar Part No. - SOD1H3

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SOD1H3 TAYCHIPST-SOD1H3 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Luguang Electr...
SOD1H3 LUGUANG-SOD1H3 Datasheet
215Kb / 2P
   Surface Mount Rectifiers
logo
Microdiode Electronics ...
SOD1H3 CHENDA-SOD1H3 Datasheet
548Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
SUNMATE electronic Co.,...
SOD1H3 SUNMATE-SOD1H3 Datasheet
501Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
SOD1H3 BILIN-SOD1H3 Datasheet
274Kb / 3P
   SURFACE MOUNT RECTIFIERS
More results

Similar Description - SOD1H3

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com