Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRHMB200A6 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PRHMB200A6
Description  200A 600V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PRHMB200A6 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PRHMB200A6 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PRHMB200A6 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PRHMB200A6 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IGBT
IGBT
IGBT
IGBT Module−Chopper
200 A,600V
PRHMB200A6
PRHMB200A6
PRHMB200A6
PRHMB200A6
回 路
路 図
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
外 形
形 寸
寸 法
法 図
OUTLINE
OUTLINE
OUTLINE
OUTLINE DRAWING
DRAWING
DRAWING
DRAWING
Dimension:[mm]
最 大
大 定
定 格
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
RATINGS
RATINGS
RATINGS
RATINGS (T
=25℃)
重量:320g
Item
Symbol
Rated
Value
Unit
コレクタ・エミッタ間電圧
Collector-Emitter
Voltage
CES
600
ゲ ー ト・エ ミ ッ タ 間 電 圧
Gate-Emitter
Voltage
GES
±20
DC
200
Collector
Current
1ms
CP
400
Collector
Power
Dissipation
780
Junction
Temperature
Range
−40∼+150
Storage
Temperature
Range
stg
−40∼+125
圧(Terminal to Base
AC,1minute)
Isolation
Voltage
ISO
2,500
(RMS)
Module Base to Heatsink
3(30.6)
締 め 付 け ト ル ク
Mounting
Torque
Busbar to Main Terminal
tor
2(20.4)
N・m
(kgf・cm)
電 気
気 的
的 特
特 性
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS (T
=25℃)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Emitter Cut-Off Current
CES
CE= 600V,VGE= 0V
2.0
mA
Gate-Emitter Leakage Current
GES
GE= ±20V,V
CE= 0V
1.0
μA
コレクタ・エミッタ間飽和電圧
Collector-Emitter Saturation Voltage
CE(sat)
=200A,VGE= 15V
2.1
2.6
し き い 値 電 圧
Gate-Emitter Threshold Voltage
GE(th)
CE= 5V,I=200mA
4.0
8.0
Input Capacitance
ies
CE= 10V,VGE= 0V,
f=1MH
20,000
pF
Rise
Time
0.15
0.30
ターンオン時間
Turn-on
Time
on
0.25
0.40
Fall
Time
0.20
0.35
スイッチング時間
Switching Time
ターンオフ時間
Turn-off Time
off
CC= 300V
=
=
3.6Ω
GE= ±15V
0.45
0.70
μs
□フリーホイーリングダイオードの
フリーホイーリングダイオードの
フリーホイーリングダイオードの
フリーホイーリングダイオードの 特
特 性
性:
FREE
FREE
FREE
FREE
WHEELING
WHEELING
WHEELING
WHEELING
DIODE
DIODE
DIODE
DIODE
RATINGS
RATINGS
RATINGS
RATINGS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS(T
=25℃)
Item
Symbol
Rated
Value
Unit
DC
200
Forward
Current
1ms
FM
400
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Peak Forward Voltage
=200A,VGE= 0V
1.9
2.4
Reverse Recovery Time
rr
=200A,VGE= -10V
di/dt=200A/μs
0.15
0.25
μs
THERMAL
THERMAL
THERMAL
THERMAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
IGBT
0.16
Thermal Impedance
Diode
Rth(j-c)
Junction to Case
0.38
℃/W


Similar Part No. - PRHMB200A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PRHMB200A6 NIEC-PRHMB200A6 Datasheet
111Kb / 3P
   IGBT MODULE Chopper 200A 600V
PRHMB200A6A NIEC-PRHMB200A6A Datasheet
111Kb / 3P
   IGBT MODULE Chopper 200A 600V
PRHMB200A6A NIEC-PRHMB200A6A Datasheet
126Kb / 3P
   200A 600V
PRHMB200A6A NIEC-PRHMB200A6A_1 Datasheet
126Kb / 3P
   200A 600V
More results

Similar Description - PRHMB200A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCHMB200A6 NIEC-PCHMB200A6_1 Datasheet
125Kb / 3P
   200A 600V
PRHMB200A6A NIEC-PRHMB200A6A_1 Datasheet
126Kb / 3P
   200A 600V
logo
National Instruments Co...
PBMB200E6 NI-PBMB200E6_15 Datasheet
328Kb / 4P
   200A, 600V
logo
Nihon Inter Electronics...
PCHMB200A6A NIEC-PCHMB200A6A_1 Datasheet
125Kb / 3P
   200A 600V
logo
Fuji Electric
7MBP200RA060 FUJI-7MBP200RA060 Datasheet
373Kb / 8P
   IGBT-IPM(600V/200A)
logo
MacMic
MMF200S060B MACMIC-MMF200S060B Datasheet
388Kb / 3P
   600V 200A FRED Module
MMG200HB060H6EN MACMIC-MMG200HB060H6EN Datasheet
460Kb / 6P
   600V 200A IGBT Module
logo
AG Electronica
GT30J127 AGELECTRONICA-GT30J127 Datasheet
226Kb / 2P
   MOSFET 600V 200A IGBT
logo
MacMic
MMF200S060DA MACMIC-MMF200S060DA Datasheet
455Kb / 3P
   600V 200A FRED Module
MMF200S060DK MACMIC-MMF200S060DK Datasheet
387Kb / 3P
   600V 200A FRED Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com