Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL431 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # BL431
Description  Programmable Shunt Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BL431 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BL431 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BL431 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BL431 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BL431 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BL Galaxy Electrical
Production specification
Programmable Shunt Regulator
BL431
Document number: BL/SSSR171
www.galaxycn.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
symbol
conditions
Min.
Typ.
Max.
unit
Reference Input voltage
VREF
VKA=VREF,IKA=10mA
2.44
2.495 2.55
V
Deviation of Reference Input
Voltage Over-Temperature
(Note1)
∆VREF/
∆T
VKA=VREF,IKA=10mA,
TMIN≤TA≤TMAX
4.5
17
mV
∆VKA=10V-VREF
-10
-2.7
Ratio of Change in Reference
Input Voltage to the Change in
Cathode Voltage
∆VREF/
∆VKA
IKA=
10mA
∆VKA=36V-10V
-0.5
-2.0
mV/V
Reverse Input current
IREF
IKA=10mA,
R1=10KΩ,R2=∞
1.5
4
μA
Deviation of Reference Input
Currrent Over Full Temperature
Range
∆IREF/∆T
IKA=10mA,
R1=10KΩ,R2=∞
TA=Full Range
0.4
1.2
μA
Minimun Cathode Current for
Regulation
IKA(MIN
VKA= VREF
0.45
1.0
mA
Off-Stage Cathode Current
IKA(OFF)
VKA=36V,
VREF=0
0.05
1.0
μA
Dynamic Impedance(Note2)
ZZA
VKA= VREF,
IKA=1 to 100mA
f≥1.0KHz
0.15
0.5
•TMIN=-25℃,TMAX=+85℃
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Similar Part No. - BL431

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
Sirectifier Semiconduct...
BL431 SIRECTIFIER-BL431 Datasheet
315Kb / 5P
   Programmable Shunt Regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
241Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
BL431-ACRM BELLING-BL431-ACRM Datasheet
908Kb / 12P
   Adjustable shunt regulator
BL431-ACSM BELLING-BL431-ACSM Datasheet
908Kb / 12P
   Adjustable shunt regulator
More results

Similar Description - BL431

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com