Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPDP30D28-1 Datasheet(PDF) 7 Page - Sensitron

Part # SPDP30D28-1
Description  Programmable DC Solid State Power Controller Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPDP30D28-1 Datasheet(HTML) 7 Page - Sensitron

Back Button SPDP30D28-1 Datasheet HTML 3Page - Sensitron SPDP30D28-1 Datasheet HTML 4Page - Sensitron SPDP30D28-1 Datasheet HTML 5Page - Sensitron SPDP30D28-1 Datasheet HTML 6Page - Sensitron SPDP30D28-1 Datasheet HTML 7Page - Sensitron SPDP30D28-1 Datasheet HTML 8Page - Sensitron SPDP30D28-1 Datasheet HTML 9Page - Sensitron SPDP30D28-1 Datasheet HTML 10Page - Sensitron SPDP30D28-1 Datasheet HTML 11Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 5186, Rev -
©2010 Sensitron Semiconductor
• 221 West Industry Court • Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• www.sensitron.com • sales@sensitron.com • Page 7
SPDPXXD28-1 SERIES
SPDP25D28-1
SPDP25D28-1 Set for
5.0 Amp Rating
SPDP25D28-1 Set for
12.5 Amp Rating
SPDP25D28-1 Set for
25 Amp Rating
Current Rating @ 100
OC
5.0A
12.5A
25A
Power Dissipation
(including Control Power)
0.29W typ @ 3A 25
OC
0.36W max @ 5A 25
OC
0.39W max @ 5A 100
OC
0.49W typ @ 7.5A 25
OC
0.92W max @ 12.5A 25
OC
1.12W max @ 12.5A 100
OC
1.13W typ @ 15A 25
OC
2.84W max @ 25A 25
OC
3.64W max @ 25A 100
OC
Max Voltage Drop
13mV typ @ 3A 25
OC
21mV max @ 5A 25
OC
28mV max @ 5A 100
OC
32mV typ @ 7.5A 25
OC
53mV max @ 12.5A 25
OC
69mV max @ 12.5A 100
OC
64mV typ @ 15A 25
OC
107mV max @ 25A 25
OC
139mV max @ 25A 100
OC
SPDP30D28-1
SPDP30D28-1 Set for
6.0 Amp Rating
SPDP30D28-1 Set for
15 Amp Rating
SPDP30D28-1 Set for
30 Amp Rating
Current Rating @ 100
OC
6.0A
15A
30A
Power Dissipation
(including Control Power)
0.31W typ @ 3.6A 25
OC
0.40W max @ 6A 25
OC
0.45W max @ 6A 100
OC
0.60W typ @ 9A 25
OC
1.21Wmax @ 15A 25
OC
1.50W max @ 15A 100
OC
1.63W typ @ 18A 25
OC
4.08W max @ 30A 25
OC
5.24W max @ 30A 100
OC
Max Voltage Drop
15mV typ @ 3.6A 25
OC
26mV max @ 6A 25
OC
33mV max @ 6A 100
OC
38mV typ @ 9A 25
OC
64mV max @ 15A 25
OC
83mV max @ 15A 100
OC
77mV typ @ 18A 25
OC
129mV max @ 30A 25
OC
166mV max @ 30A 100
OC
Figure 5 - Electrical Block Diagram


Similar Part No. - SPDP30D28-1

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDP30D28 SENSITRON-SPDP30D28 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
SPDP30D28ER SENSITRON-SPDP30D28ER Datasheet
482Kb / 13P
   Programmable DC Solid State Power Controller Module
More results

Similar Description - SPDP30D28-1

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDPXXD28 SENSITRON-SPDPXXD28_09 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
SPDPXXD28ER SENSITRON-SPDPXXD28ER Datasheet
482Kb / 13P
   Programmable DC Solid State Power Controller Module
SPDXXD28 SENSITRON-SPDXXD28 Datasheet
501Kb / 11P
   DC Solid State Power Controller Module
SPDP50D375-503 SENSITRON-SPDP50D375-503 Datasheet
263Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD270 SENSITRON-SPDPXXD270 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDP50D375 SENSITRON-SPDP50D375 Datasheet
253Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375_10 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28 Datasheet
505Kb / 15P
   DC Solid State Power Controller Module
SPD40D28 SENSITRON-SPD40D28 Datasheet
491Kb / 11P
   DC Solid State Power Controller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com