Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM6M080-010D Datasheet(PDF) 14 Page - Sensitron

Part # SPM6M080-010D
Description  Three-Phase MOSFET BRIDGE, With Gate Driver and Optical Isolation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPM6M080-010D Datasheet(HTML) 14 Page - Sensitron

Back Button SPM6M080-010D_10 Datasheet HTML 8Page - Sensitron SPM6M080-010D_10 Datasheet HTML 9Page - Sensitron SPM6M080-010D_10 Datasheet HTML 10Page - Sensitron SPM6M080-010D_10 Datasheet HTML 11Page - Sensitron SPM6M080-010D_10 Datasheet HTML 12Page - Sensitron SPM6M080-010D_10 Datasheet HTML 13Page - Sensitron SPM6M080-010D_10 Datasheet HTML 14Page - Sensitron SPM6M080-010D_10 Datasheet HTML 15Page - Sensitron SPM6M080-010D_10 Datasheet HTML 16Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
Datasheet 4118, Rev. D.2
© 2004 Sensitron Semiconductor
• 221 West Industry Court • Deer Park, NY 11729 • (631) 586 7600
FAX (631) 242 9798
• www.sensitron.com • sales@sensitron.com •
Page 14
SPM6M080-010D
f- Limitation With Trapezoidal Motor Drive
In trapezoidal motor drives, two phases are conducting while the third phase is off at any
time. In Fig. 9 shows the voltage waveform across one phase, during intervals t1 and t2,
the MOSFET is off while the active bias circuit is above 8V, and below 15V. This results in
activating the active pull up circuit and reducing the corresponding R1 or R2 down to about
110
Ω. A high current will flow from VCC or VBS through R2 or R1 and the motor winding
during intervals t1, and t2. This results in draining the bootstrap capacitor voltage quickly.
Contact the factory for adjustments to satisfy trapezoidal motor drive applications using
this module. The adjustment will disable the internal pull up circuit. The device part number
is SPM6M080-010D-B.
Figure 9.
Active Bias for DSH and DSL Internal Inputs
t1
V
t2
time
15
8


Similar Part No. - SPM6M080-010D_10

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPM6M080-010D SENSITRON-SPM6M080-010D Datasheet
109Kb / 14P
   Three-Phase MOSFET BRIDGE, With Gate Driver and Optical Isolation
More results

Similar Description - SPM6M080-010D_10

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPM6M080-010D SENSITRON-SPM6M080-010D Datasheet
109Kb / 14P
   Three-Phase MOSFET BRIDGE, With Gate Driver and Optical Isolation
SPM6M070-020D SENSITRON-SPM6M070-020D Datasheet
105Kb / 8P
   Three-Phase MOSFET BRIDGE, With Gate Driver and Optical Isolation
SPM6M060-010D SENSITRON-SPM6M060-010D Datasheet
62Kb / 4P
   Three-Phase MOSFET Bridge With Gate Driver and Optical Isolation
SPM6G140-060D SENSITRON-SPM6G140-060D Datasheet
244Kb / 17P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G080-060D SENSITRON-SPM6G080-060D Datasheet
84Kb / 7P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G060-120D SENSITRON-SPM6G060-120D_08 Datasheet
207Kb / 21P
   Three-Phase IGBT BRIDGE, With Gate Driver and Optical Isolation
SPM6G070-060D SENSITRON-SPM6G070-060D Datasheet
172Kb / 19P
   Three-Phase IGBT BRIDGE, With Gate Driver and Optical Isolation
SPM6G080-060D SENSITRON-SPM6G080-060D_07 Datasheet
87Kb / 7P
   Three-Phase IGBT BRIDGE, With Gate Driver and Optical Isolation
SPM6G150-060D SENSITRON-SPM6G150-060D Datasheet
66Kb / 4P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G080-120D SENSITRON-SPM6G080-120D Datasheet
82Kb / 6P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com