Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD141234 Datasheet(PDF) 2 Page - Sensitron

Part # SHD141234
Description  HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD141234 Datasheet(HTML) 2 Page - Sensitron

  SHD141234 Datasheet HTML 1Page - Sensitron SHD141234 Datasheet HTML 2Page - Sensitron SHD141234 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATA SHEET 4170, REV. A
Mechanical Dimensions: In Inches / mm
PINOUT TABLE
TYPE
PIN 1
PIN 2
PIN 3
SINGLE RECTIFIER
CATHODE
-
ANODE
Note: The Vf curves shown are for the SD125SCU100 unpackaged die only.
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage Drop - V
F (V)
10
-2
10
-1
10
0
10
1
Typical Forward Characteristics
125 °C
200 °C
175 °C
25 °C
0
20
40
60
80
100
120
Reverse Voltage - V
R (V)
10
-4
10
-3
10
-2
10
-1
10
0
10
1
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200 °C
175 °C
0
20
40
60
80
100
120
Reverse Voltage - V
R (V)
100
200
300
400
Typical Junction Capacitance
SHD141234
MODIFIED TO-257


Similar Part No. - SHD141234

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD141234 SENSITRON-SHD141234 Datasheet
59Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
More results

Similar Description - SHD141234

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125634 SENSITRON-SHD125634 Datasheet
65Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD119234 SENSITRON-SHD119234_08 Datasheet
52Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD148234 SENSITRON-SHD148234 Datasheet
168Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD141234 SENSITRON-SHD141234 Datasheet
59Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD148234 SENSITRON-SHD148234_09 Datasheet
61Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126534 SENSITRON-SHD126534 Datasheet
159Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD114534 SENSITRON-SHD114534_08 Datasheet
54Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD114634 SENSITRON-SHD114634 Datasheet
161Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD115434 SENSITRON-SHD115434 Datasheet
159Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD124534 SENSITRON-SHD124534 Datasheet
58Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Reverse Leakage 200째C Operating Temperature
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com